Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9362 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9362
Description  QUAD LOW SIDE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9362 Datasheet(HTML) 4 Page - STMicroelectronics

  L9362 Datasheet HTML 1Page - STMicroelectronics L9362 Datasheet HTML 2Page - STMicroelectronics L9362 Datasheet HTML 3Page - STMicroelectronics L9362 Datasheet HTML 4Page - STMicroelectronics L9362 Datasheet HTML 5Page - STMicroelectronics L9362 Datasheet HTML 6Page - STMicroelectronics L9362 Datasheet HTML 7Page - STMicroelectronics L9362 Datasheet HTML 8Page - STMicroelectronics L9362 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
L9362
4/17
ELECTRICAL CHARACTERISTICS
4.5V
VCC 5.5V, -40°C TJ 125°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply current
ICCRES
Standby current
Without load.
Tj ≤ 85°C
NRES = LOW
1.3
mA
ICCOPM
Operating mode
IOUT 1 ... 4 = 2A
11
17
mA
ICCLV
Low voltage supply current
VCC < 0,5V
80
µA
Inputs (NONx; NCS; CLK; NRES; SDI)
VINL
Low threshold
-0.3
0.2
VCC
V
VINH
High threshold
0.7
VCC
VCC
+0.3
V
Vhyst
Hysteresis
0.85
V
IIN
Input leakage current
VIN = VCC
10
µA
IIN
Input current (NONx, NCS, CLK,
SDI)
VIN ≤ 0.8•VCC
20
100
µA
IIN NRES
Input current NRES
3
20
µA
Serial Data Output
VSDOH
High output level
(ISDO = -2mA)
VCC
- 0.4
V
VSDOL
Low output level
(ISDO = 3.2mA)
0.4
V
ISDOL
Tristate leakage current
(NCS = HIGH;
VSDO = 0V ... VCC)
-10
10
µA
Outputs (Out 1 ... 4)
IOUTL1
Leakage current 1
(NON = HIGH;
VOUT = 14V;
VCC = 5V)
10
µA
Vclpa
Output clamp voltage
Vclpa (IOUT = 0.5A)
45
50
60
V
WOFF
Clamped energy at the switching
OFF 1)
For 2ms, see fig. 8
50
mJ
RDSON
ON resistance
IOUT = 2A; Tj = 150°C;
Tj = 25°C 2)
250
500
300
m
m
OVRp1
OVRp2
Positive output voltage ramp
(with inductive load)
VOUT = 30% ... 80% of
VBAT=16V 3)
VOUT =
VBAT ... 0.9 • Vclp 3)
0.3
0.75
0.9
1.35
2.25
V/
µs
V/
µs
OVRn
Negative output voltage ramp
80% ... 30% of VBAT = 16V
with inductive load 3)
0.3
0.9
1.35
V/
µs
tdON
Turn ON delay
NON = 50%;
VOUT = 0.8 • VBAT
04
10
µs
tdOFF
Turn OFF delay
NON = 50%;
VOUT = 0.3 • VBAT
04
10
µs
Note 1:
Typical loads for the zener clamping and the output voltage ramps are:
a) 10
Ω, 16mH at all outputs or
b) 25
Ω, 160mH
Note 2:
At 150°C guaranteed by design and electrical characterisation
Note 3:
Tested with resistive load of Rload = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com