Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6932 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6932
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6932 Datasheet HTML 3Page - STMicroelectronics L6932 Datasheet HTML 4Page - STMicroelectronics L6932 Datasheet HTML 5Page - STMicroelectronics L6932 Datasheet HTML 6Page - STMicroelectronics L6932 Datasheet HTML 7Page - STMicroelectronics L6932 Datasheet HTML 8Page - STMicroelectronics L6932 Datasheet HTML 9Page - STMicroelectronics L6932 Datasheet HTML 10Page - STMicroelectronics L6932 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
L6932
8/11
The thermal resistance junction to ambient of the demoboard is approximately 62°C/W. This mean that, consid-
ering an ambient temperature of 60°C and a maximum junction temperature of 150°C, the maximum power that
the device can handle is 1.5W.
This means that the device is able to deliver a DC output current of 2A only with a very low dropout.
In many applications, high output current pulses are required. If their duration is shorter than the thermal con-
stant time of the board, the thermal impedance (not the thermal resistance) has to be considered.
In figure 10 the thermal impedance versus the duration of the current pulse for the SO(4+2+2) mounted on board
is shown.
Figure 10. Thermal Impedance
Considering a pulse duration of 1sec, the thermal impedance is close to 20°C/W, allowing much bigger power
dissipated.
Example:
Vin = 3.3V
Vout = 1.8V
Iout = 2A
Pulse Duration = 1sec
The power dissipated by the device is:
PDISS = (VIN - VOUT) · IOUT = 1.5 · 2 3W
Considering a thermal impedance of 20°C/W, the maximum junction temperature will be:
TJ = TA + ZTHJA · PDISS = 60 + 60 = 120°C
Obviously, with pulse durations longer than approximately 10sec the thermal impedance is very close to the
thermal resistance (60°C/W to 70°C/W).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com