Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1905 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1905
Description  ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1905 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1905 Datasheet HTML 17Page - STMicroelectronics AN1905 Datasheet HTML 18Page - STMicroelectronics AN1905 Datasheet HTML 19Page - STMicroelectronics AN1905 Datasheet HTML 20Page - STMicroelectronics AN1905 Datasheet HTML 21Page - STMicroelectronics AN1905 Datasheet HTML 22Page - STMicroelectronics AN1905 Datasheet HTML 23Page - STMicroelectronics AN1905 Datasheet HTML 24Page - STMicroelectronics AN1905 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
21/77
ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
3.5 USING YOUR OWN POWER STAGE
In order to configure the standalone library to match any kind of power stage, care should be
taken to observe the logic input diagrams of the drivers. The starter kit uses three L6386 high-
voltage high and low side drivers; other devices may require adjustments, depending on
whether their logical inputs are active low or high. The ‘MPOL’ register has then to be set man-
ually in the firmware. Modifications can be done in the ‘MTC_InitPeripheral’ routine (see
Figure 9). It has to be noted also that the option byte has to be updated accordingly (MCO
output states during reset).
Figure 9. MPOL register configuration
The starter kit can also be connected directly to an external power stage using the socket J6
(26 pins).
3.6 CHECKING THE CURRENT SENSOR RESISTOR VALUE
The starter kit comes with a current sensor resistor of 0.047 Ohm (R21 on the schematic, see
Figure 10). The current limiter of the MTC cell relies on a comparator that turns off the PWM
when the voltage on this resistor has reached a limit (see Section 7.2.1 Voltage versus current
mode for more details). This voltage is amplified by a factor of 11 by the internal OPAMP con-
figured as a non-inverter amplifier (see R66 and R67 values).
void MTC_InitPeripheral(void)
{
MTC_ResetPeripheral();
// Initialize registers in page 1 first
SET_MTC_PAGE(1);
MCONF = mem_MCONF;
MPWME = (u8)(mem_MPWME | DG_MSK); //Force output of debug signal
MPOL = ALL_ACTIVE_HIGH;
// (L6386D) <-- to be updated according to your own
device characteristics
// ZVD bit=0; Z and D have opposite edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com