Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CBPIBLOX-RED Datasheet(PDF) 1 Page - Multicomp Pro

Part # CBPIBLOX-RED
Description  Pi-Blox Enclosures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CBPIBLOX-RED Datasheet(HTML) 1 Page - Multicomp Pro

  CBPIBLOX-RED Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
12/08/15
Pi-Blox Enclosures
Blue
Yellow
Red
White
Black
Features:
• Designed to house the Raspberry Pi B+ or Pi 2
• Studs allow for construction blocks to be fitted directly to the enclosure
• All cut-outs are pre-cut into the case
• I/O Connector can be accessed through a slot in the side of the enclosure
• Internal Mount points for Pi Camera
• Camera lens and flash holes included
• Gloss Finish
• Size : (L) 88.8mm × (W) 64.5mm × (H) 30.5mm
• Material : ABS
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Colour
Part Number
Pi-Blox Enclosures
Black
CBPIBLOX-BLK
White
CBPIBLOX-WHT
Red
CBPIBLOX-RED
Blue
CBPIBLOX-BLU
Yellow
CBPIBLOX-YEL


Similar Part No. - CBPIBLOX-RED

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CBPI22 CAMDENBOSS-CBPI22 Datasheet
362Kb / 1P
22mm panel indicators
logo
List of Unclassifed Man...
CBPIHAT-BLK ETC-CBPIHAT-BLK Datasheet
1Mb / 4P
Raspberry Pi 3 Starter Kit
logo
Multicomp Pro
CBPIHAT-BLK MULTICOMP-CBPIHAT-BLK Datasheet
161Kb / 1P
Raspberry Pi Style Enclosure
28/09/22 V1.0
More results

Similar Description - CBPIBLOX-RED

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX-7 ETC2-MAX-7 Datasheet
1Mb / 24P
u-blox 7 GNSS modules
logo
u-blox AG
NEO-M8 U-BLOX-NEO-M8 Datasheet
1Mb / 26P
u-blox M8 concurrent GNSS modules
CAM-M8 U-BLOX-CAM-M8 Datasheet
1Mb / 31P
u-blox M8 Concurrent GNSS Antenna Modules
NEO-6 U-BLOX-NEO-6 Datasheet
938Kb / 2P
Versatile u-blox 6 GPS modules
logo
SparkFun Electronics
DEV-14356 SPARKFUN-DEV-14356 Datasheet
319Kb / 2P
pi-topPROTO
8??4??7
logo
u-blox AG
UBX-G7020 U-BLOX-UBX-G7020 Datasheet
125Kb / 2P
u-blox 7 GPS chips
UBX-G7020-KT U-BLOX-UBX-G7020-KT Datasheet
1Mb / 38P
u-blox 7 GPS/GNSS chips
Revision1 1/27/2012
UBX-M8030 U-BLOX-UBX-M8030 Datasheet
269Kb / 2P
Versatile u-blox M8 GNSS chips
MAX-M10 U-BLOX-MAX-M10 Datasheet
100Kb / 2P
u-blox M10 standard precision GNSS modules
EVK-M101 U-BLOX-EVK-M101 Datasheet
122Kb / 1P
u-blox M10 GNSS evaluation kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com