Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20134SP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R2A20134SP
Description  LED Lighting Power Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20134SP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R2A20134SP Datasheet HTML 3Page - Renesas Technology Corp R2A20134SP Datasheet HTML 4Page - Renesas Technology Corp R2A20134SP Datasheet HTML 5Page - Renesas Technology Corp R2A20134SP Datasheet HTML 6Page - Renesas Technology Corp R2A20134SP Datasheet HTML 7Page - Renesas Technology Corp R2A20134SP Datasheet HTML 8Page - Renesas Technology Corp R2A20134SP Datasheet HTML 9Page - Renesas Technology Corp R2A20134SP Datasheet HTML 10Page - Renesas Technology Corp R2A20134SP Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
R2A20134SP
Preliminary
R03DS0033EJ0301 Rev.3.01
Page 10 of 10
Jan 08, 2016
Package Dimensions
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
0.10
1.27
0.56
5.84
6.20
0.41
0.35
4.98
Max
Nom
Min
4.80
3.99
3.81
Dimension in Millimeters
Symbol
Reference
1.73
0.89
0.64
0.41
3.94
1.47
0.25
0.15
0.10
0.49
0.25
0.20
0.19
5.99
8°
0°
0.25
1.03
4.93
e
HE
L
A
D
E
A2
A1
bp
b1
c
x
y
Z
L1
c1
θ
Previous Code
JEITA Package Code
RENESAS Code
PRSP0008DJ-A
—
MASS[Typ.]
0.073g
P-SOP8-3.94x4.93-1.27
Terminal cross section
(Ni/Pd/Au plating)
Detail F
L
5
8
4
F
*1
*3
M
x
1
Index mark
S
S
y
D
e
Z
L1
bp
bp



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com