Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3520SD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3520SD
Description  Integrated White LED Driver with Organic LED Display Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3520SD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3520SD Datasheet HTML 1Page - National Semiconductor (TI) LM3520SD Datasheet HTML 2Page - National Semiconductor (TI) LM3520SD Datasheet HTML 3Page - National Semiconductor (TI) LM3520SD Datasheet HTML 4Page - National Semiconductor (TI) LM3520SD Datasheet HTML 5Page - National Semiconductor (TI) LM3520SD Datasheet HTML 6Page - National Semiconductor (TI) LM3520SD Datasheet HTML 7Page - National Semiconductor (TI) LM3520SD Datasheet HTML 8Page - National Semiconductor (TI) LM3520SD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM3520
Integrated White LED Driver with Organic LED Display
Power Supply
General Description
The LM3520 is a dual step-up DC/DC converter, designed to
drive up to 5 white LEDs with a constant current and to
power an organic LED display with a constant voltage.
A single external resistor is used to set the maximum LED
current. The LED current can be adjusted by applying a
PWM signal to the EN pin. For higher efficiency the LM3520
operates with pulse frequency modulation (PFM) control
scheme when the sub-display is enabled. When Main dis-
play is enabled, the device is operating in PWM mode.
Overvoltage protection circuitry and a 1MHz switching fre-
quency allow for the use of small, low cost external compo-
nents.
Additional features include a low-side NFET switch that can
turn off the LED string with no DC current path to ground.
The LM3520 is available in a small 14-pin thermally-
enchanced LLP package.
Features
n
Integrated OLED and white-LED driver
n
80% efficiency
n
Drives up to 5 LEDs at 20mA/3.6V and 4 LEDs at
30mA/3.6V for main-display
n
Up to 20V @ 50mA/3.6V for sub-display
n
True shutdown isolation
n
Small External Components
n
1 MHz Switching Frequency
n
23V OverVoltage Protection
n
Wide Input Voltage Range: 2.7V to 5.5V
n
Cycle-By-Cycle Current Limit
n
PWM Dimming Control
n
Low Profile 14-Pin LLP(3mm x 4mm x 0.8mm)
Applications
n
Flip-phones/Clam-shell Cellular Phones
n
Handheld Devices
n
High-fashion cellular phones
n
White LED Backlighting
n
Digital Cameras
Typical Applications
20128803
Main Display with OLED Sub Display
September 2005
© 2005 National Semiconductor Corporation
DS201288
www.national.com


Similar Part No. - LM3520SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3520 NSC-LM3520 Datasheet
963Kb / 14P
Integrated White LED Driver with Organic LED Display Power Supply
More results

Similar Description - LM3520SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3520 NSC-LM3520 Datasheet
963Kb / 14P
Integrated White LED Driver with Organic LED Display Power Supply
logo
Analog Microelectronics
AME5136 AME-AME5136 Datasheet
391Kb / 15P
Integrated White LED Driver With Organic LED Display Power Supply
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D Datasheet
306Kb / 14P
White led power supply for large display backlight
04-Apr-2006
logo
Sipex Corporation
SP6415 SIPEX-SP6415 Datasheet
1Mb / 12P
Integrated White LED Driver With Organic LED Display Power Supply
logo
Freescale Semiconductor...
MC34844 FREESCALE-MC34844 Datasheet
1Mb / 37P
10 Channel LED Backlight Driver with Integrated Power Supply
logo
Linear Technology
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
White LED Driver with Integrated Schottky
logo
Global Mixed-mode Techn...
G2500 GMT-G2500 Datasheet
130Kb / 2P
Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
G5524A GMT-G5524A Datasheet
136Kb / 2P
Integrated Power Supply for TFT-LCD Panels with 4-Channel White LED Driver
logo
FSP TECHNOLOGY INC.
FSP102-3FS01 FSP-FSP102-3FS01 Datasheet
204Kb / 1P
Power supply with LED Driver
logo
STMicroelectronics
STLD40D STMICROELECTRONICS-STLD40D_V01 Datasheet
345Kb / 16P
White LED power supply for large display backlight
May 2011 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com