Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3674MF-1.2 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3674MF-1.2
Description  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674MF-1.2 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3674MF-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM3674MF-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM3674MF-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LM3674MF-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LM3674MF-1.2 Datasheet HTML 11Page - National Semiconductor (TI) LM3674MF-1.2 Datasheet HTML 12Page - National Semiconductor (TI) LM3674MF-1.2 Datasheet HTML 13Page - National Semiconductor (TI) LM3674MF-1.2 Datasheet HTML 14Page - National Semiconductor (TI) LM3674MF-1.2 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application Information (Continued)
OUTPUT CAPACITOR SELECTION
A ceramic output capacitor of 10 µF, 6.3V is sufficient for
most applications. Use X7R or X5R types; do not use Y5V.
DC bias characteristics of ceramic capacitors must be con-
sidered when selecting case sizes like 0805 and 0603. DC
bias characteristics vary from manufacturer to manufacturer
and dc bias curves should be requested from them as part of
the capacitor selection process.
The minimum output capacitance to guarantee good
performance is 5.75µF at 1.8V dc bias including toler-
ances and over ambient temperature range. The output
filter capacitor smoothes out current flow from the inductor to
the load, helps maintain a steady output voltage during
transient load changes and reduces output voltage ripple.
These capacitors must be selected with sufficient capaci-
tance and sufficiently low ESR to perform these functions.
The output voltage ripple is caused by the charging and
discharging of the output capacitor and by the R
ESR and can
be calculated as:
Voltage peak-to-peak ripple due to capacitance can be ex-
pressed as follow:
Voltage peak-to-peak ripple due to ESR =
Because these two components are out of phase the rms
value can be used to get an approximate value of peak-to-
peak ripple.
Voltage peak-to-peak ripple, root mean squared =
Note that the output ripple is dependent on the current ripple
and the equivalent series resistance of the output capacitor
(R
ESR).
The R
ESR is frequency dependent (as well as temperature
dependent); make sure the value used for calculations is at
the switching frequency of the part.
TABLE 3. Suggested Capacitors and Their Suppliers
Model
Type
Vendor
Voltage Rating
Case size inch (mm)
10 µF for C
OUT
GRM21BR60J106K
Ceramic, X5R
Murata
6.3V
0805 (2012)
C2012X5R0J106K
Ceramic, X5R
TDK
6.3V
0805 (2012)
JMK212BJ106K
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
4.7 µF for C
IN
GRM21BR60J475K
Ceramic, X5R
Murata
6.3V
0805 (2012)
JMK212BJ475K
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
C2012X5R0J475K
Ceramic, X5R
TDK
6.3V
0805 (2012)
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter
design. Poor board layout can disrupt the performance of a
DC-DC converter and surrounding circuitry by contributing to
EMI, ground bounce, and resistive voltage loss in the traces.
These can send erroneous signals to the DC-DC converter
IC, resulting in poor regulation or instability.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com