Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HST04S80F Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HST04S80F
Description  HST04S80F 4A TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HST04S80F Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HST04S80F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HST04S80F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HST04S80F Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HST04S80F Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.2: RMS on-state current versus case
temperature
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
P(W)
IT(RMS)(A)
105℃
0
1
2
3
4
5
0
25
50
75
100
125
IT(RMS)(A)
TC(℃)
FIG.3: Surge peak on-state current versus
number of cycles
FIG.4: On-state characteristics
0
5
10
15
20
25
30
35
40
45
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
ITSM(A)
Numberofcycles
Tc=25℃,tp=20ms,one cycle,sine
0.1
1
10
0
0.5
1
1.5
2
ITM(A)
VTM(V)
Tj=25℃typ
Tj=25℃max
Tj=125℃typ
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<20ms, and
corresponding value of I2t (dI/dt<5
0A/μs)
FIG.6: Relative variations of gate trigger
current, holding current and latching
current versus junction temperature
dI/dt
ITSM
I2t
1
10
100
0.01
0.1
1
10
tp(ms)
ITSM(A),I2t(A2s)
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
100 120 140
Tj(℃)
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25℃)
IGT(I/II)&IH
IGT(III)
IL
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
3 of4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com