Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT100GH120JSC50 Datasheet(PDF) 4 Page - Microchip Technology

Part # APT100GH120JSC50
Description  1200 V, 100 A Fast Field-Stop IGBT 7 with SiC Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

APT100GH120JSC50 Datasheet(HTML) 4 Page - Microchip Technology

  APT100GH120JSC50 Datasheet HTML 1Page - Microchip Technology APT100GH120JSC50 Datasheet HTML 2Page - Microchip Technology APT100GH120JSC50 Datasheet HTML 3Page - Microchip Technology APT100GH120JSC50 Datasheet HTML 4Page - Microchip Technology APT100GH120JSC50 Datasheet HTML 5Page - Microchip Technology APT100GH120JSC50 Datasheet HTML 6Page - Microchip Technology APT100GH120JSC50 Datasheet HTML 7Page - Microchip Technology APT100GH120JSC50 Datasheet HTML 8Page - Microchip Technology APT100GH120JSC50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
APT100GH120JSC50
Device Specifications
 Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS00006271A - 4
1.4.
Typical Performance Curves
Data for performance curves are characterized, not 100% tested.
Figure 1-1. Output Characteristics
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
VCE, Collector-to-Emitter Voltage (V)
TJ = -55 °C
TJ = 25 °C
TJ = 125 °C
TJ = 150 °C
TJ = 175 °C
VGE = 15 V
Figure 1-2. Transfer Characteristics
4
5
6
7
8
9
10
0
40
80
120
160
200
240
280
320
VGE, Gate-to-Emitter Voltage (V)
TJ = –55 °C
TJ = 25 °C
TJ = 125 °C
TJ = 150 °C
TJ = 175 °C
250 s Pulse Test
<0.5% Duty Cycle
Figure 1-3. Gate Charge
0
2
4
6
8
10
12
14
16
Gate Charge (nC)
IC = 100 A
TJ = 25 °C
VGE = 240 V
VCE = 600 V
0
200
400
600
800
Figure 1-4. On-State Voltage vs. Gate-to-Emitter Voltage
7
8
9
10 11 12 13 14 15 16
0
1
2
3
4
VGE, Gate-to-Emitter Voltage (V)
TJ = 25 °C
250 s Pulse Test
<0.5% Duty Cycle
IC = 50 A
IC = 200 A
IC = 100 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com