| Electronic Components Datasheet Search |
|
INTEL386 Datasheet(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
INTEL386 Datasheet(HTML) 21 Page - Intel Corporation |
|
21 / 102 page ![]() Intel386TM SX MICROPROCESSOR TLB TESTING The Intel386 SX Microprocessor also provides a mechanism for testing the Translation Lookaside Buffer (TLB) if desired This particular mechanism may not be continued in the same way in future processors There are two TLB testing operations 1) writing en- tries into the TLB and 2) performing TLB lookups Two Test Registers shown in Figure 26 are provid- ed for the purpose of testing TR6 is the ‘‘test com- mand register’’ and TR7 is the ‘‘test data register’’ For a more detailed explanation of testing the TLB see the Intel386TM SX Microprocessor Program- mer’s Reference Manual 210 Debugging Support The Intel386 SX Microprocessor provides several features which simplify the debugging process The three categories of on-chip debugging aids are 1 The code execution breakpoint opcode (0CCH) 2 The single-step capability provided by the TF bit in the flag register 3 The code and data breakpoint capability provided by the Debug Registers DR0 – 3 DR6 and DR7 BREAKPOINT INSTRUCTION A single-byte software interrupt (Int 3) breakpoint in- struction is available for use by software debuggers The breakpoint opcode is 0CCh and generates an exception 3 trap when executed SINGLE-STEP TRAP If the single-step flag (TF bit 8) in the EFLAG regis- ter is found to be set at the end of an instruction a single-step exception occurs The single-step ex- ception is auto vectored to exception number 1 DEBUG REGISTERS The Debug Registers are an advanced debugging feature of the Intel386 SX Microprocessor They al- low data access breakpoints as well as code execu- tion breakpoints Since the breakpoints are indicated by on-chip registers an instruction execution break- point can be placed in ROM code or in code shared by several tasks neither of which can be supported by the INT 3 breakpoint opcode The Intel386 SX Microprocessor contains six Debug Registers consisting of four breakpoint address reg- isters and two breakpoint control registers Initially after reset breakpoints are in the disabled state therefore no breakpoints will occur unless the de- bug registers are programmed Breakpoints set up in the Debug Registers are auto-vectored to exception 1 Figure 27 shows the breakpoint status and con- trol registers 240187 – 7 Figure 26 Test Registers 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |