Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DC005NDC4 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # DC005NDC4
Description  Signal Conditioning: Amplified
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

DC005NDC4 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  DC005NDC4 Datasheet HTML 1Page - Honeywell Solid State Electronics Center DC005NDC4 Datasheet HTML 2Page - Honeywell Solid State Electronics Center DC005NDC4 Datasheet HTML 3Page - Honeywell Solid State Electronics Center DC005NDC4 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet -- DC005NDC4
http://catalog.sensing.honeywell.com/printfriendly.asp?FAM=pressu...
2 of 4
11/1/2005 9:35 PM
Compensated
Yes
Output Calibration
Yes
Termination
PCB
Port Style
Barbed
Package Style
Honeywell DI-DC
Typical Sensitivity
0.8 V/in H2O
Full Scale Span
± 2.0 V typ.
Null Offset
2.25 Vdc typ.
Offset Position
Sensitivity
± 5 mV
Total Error
(% Full Scale)
± 1.0 % typ., ± 2.0 % max.
(See Note 1)
Accuracy
(% Best Fit Straight
Line)
± 0.25 %
(See Note 2)
Operating
Temperature Range
-25 °C to 85 °C [-13 °F to 185 °F]
Compensated
Temperature Range
0 °C to 50 °C [32 °F to 122 °F]
Storage
Temperature Range
-40 °C to 125 °C [-40 °F to 257 °F]
Media
Compatibility
P2 port: DRY GASES ONLY: Media must be compatible with
epoxy based adhesive. P1 port: Wetted materials; Media must
be compatible with nylon housing, epoxy adhesive and silicon.
UNSPSC Code
411121
UNSPSC
Commodity
411121 Transducers
Note 1
Percentage of Full Scale includes: zero calibration, temperature
effect on zero and span, nonlinearity, hysteresis, repeatability,
and stability over the compensated temperature range.
Note 2
Percentage of Best Fit Straight Line includes: nonlinearity,
hysteresis, and repeatability
Availability
Global
Series Name
DC Series
DC005NDC4
Pressure Sensors: Measurement Type: Bidirectional Gage, Differential; Signal
Conditioning: Amplified; Pressure Range: ± 5.0 in H2O; Port Style: Barbed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com