Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MON551092 Datasheet(PDF) 1 Page - Glamox

Part # MON551092
Description  MONITOR1-W IP65 GR E1/SLT SIGN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

MON551092 Datasheet(HTML) 1 Page - Glamox

  MON551092 Datasheet HTML 1Page - Glamox MON551092 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2/3/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
MONITOR1-W IP65 GR E1/S
LT SIGN
E1 / S means that this item has a built-in emergency light
for minimum 1 hours duration. It is supplied with a standard
emergency controller that needs manual testing according
to European emergency light standards.
Item No.
MON551092
GTIN
5901155510923
Stock status code
C
Technical specifications
Mounting
Product Mounting
Wall surface
General
Product shape
Rectangular
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
1.2
Number Of Luminaire MCB 10B
60
Number Of Luminaire MCB 16B
80
Certificates
Certification
CNBOP;HACCP
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
40
IK classification
07
IP classification
65
Light Technical Data
Light source
LED
Lamp colour temp (K)
5700
Colour Rendering Index
>70
Light Distribution Up %
0
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
C
Light Source Included
true
PstLM: Flicker (<)
0.0816
SVM: Stroboscopic Visibility Measure (<)
0.032
Driver / Ballast
Type of LED Driver
M-NM: Maintained/Non-Maintained
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
LED Lifetime L80B50 Ta25 (h)
50 000
Emergency
Emergency Type
S = Standard
Duration (hrs)
1
Charging power consumption (Emg) (W)
1.5
Reading distance sign (m)
22
Battery Type
NiMh
Battery Form
Stick
Battery mAh
4000
Battery Voltage (V)
4.8
Battery Sparepart No
SP-MY-413-BATLOWT
Battery Termination
NS39
Housing
Body Material
Polycarbonate
Treatment housing
Reinforced
Body Colour
GR - Grey
Main Body Colour Name
Grey
Dimensions
Length (mm)
356
Width (mm)
156
Height (mm)
60
Item Net Weight (kg)
1.058
Cable Inlet
Cable Gland
M20-Polyamide
Number of Glands
2
Logistic Data
Item Gross Weight (kg)
1.15


Similar Part No. - MON551092

ManufacturerPart #DatasheetDescription
logo
Glamox
MON551093 GLAMOX-MON551093 Datasheet
216Kb / 2P
MONITOR1-W IP65 GRE1/ST LT SIGN
More results

Similar Description - MON551092

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
List of Unclassifed Man...
TXM24IP-1EG ETC2-TXM24IP-1EG Datasheet
400Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ EtherNet/IP
TXM24IP-3EG ETC2-TXM24IP-3EG Datasheet
320Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ EtherNet/IP
TXM24Q-1EG ETC2-TXM24Q-1EG Datasheet
392Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ Q Programming
TXM24Q-1RG ETC2-TXM24Q-1RG Datasheet
396Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
TXM24Q-3EG ETC2-TXM24Q-3EG Datasheet
319Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ Q Programming
TXM24Q-3RG ETC2-TXM24Q-3RG Datasheet
299Kb / 9P
IP65 Rated NEMA 24 Integrated StepSERVO??Motor w/ Q Programming & Modbus/RTU
logo
Sharma Electro Componen...
GR SHARMA-GR Datasheet
348Kb / 2P
GR Series
logo
HARTING Technology Grou...
09-00-000-5340 HARTING-09-00-000-5340 Datasheet
459Kb / 2P
ZUGENTLASTUNGSSCHELLE-GR F.KON
2021-10-01
logo
CamdenBoss Ltd.
CCPPRI30 CAMDENBOSS-CCPPRI30 Datasheet
207Kb / 1P
IP65 illuminated pushbuttons
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com