Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7B9950AXIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B9950AXIT
Description  2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9950AXIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B9950AXIT Datasheet HTML 1Page - Cypress Semiconductor CY7B9950AXIT Datasheet HTML 2Page - Cypress Semiconductor CY7B9950AXIT Datasheet HTML 3Page - Cypress Semiconductor CY7B9950AXIT Datasheet HTML 4Page - Cypress Semiconductor CY7B9950AXIT Datasheet HTML 5Page - Cypress Semiconductor CY7B9950AXIT Datasheet HTML 6Page - Cypress Semiconductor CY7B9950AXIT Datasheet HTML 7Page - Cypress Semiconductor CY7B9950AXIT Datasheet HTML 8Page - Cypress Semiconductor CY7B9950AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY7B9950
Document #: 38-07338 Rev. *D
Page 2 of 12
Pinouts
Figure 1. Pin Diagram - 32 Pin TQFP package Top view
1Q0
CY7B9950
1
2
3
4
5
6
7
8
1Q1
VSS
VSS
3F1
4F0
4F1
4Q0
VSS
4Q1
24
23
22
21
20
19
18
17
1F0
PE/HD
VDDQ4
1F1
sOE#
VDDQ1
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com