Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT7002BK Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # MMBT7002BK
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

MMBT7002BK Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  MMBT7002BK Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. MMBT7002BK Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. MMBT7002BK Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. MMBT7002BK Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. MMBT7002BK Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. MMBT7002BK Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Characteristics at Ta = 25
℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
STATIC PARAMETERS
Drain-Source Breakdown Voltage
at ID = 10 µA
V(BR)DSS
60
-
-
V
Zero Gate Voltage Drain Current
at VDS = 60 V
IDSS
-
-
1
µA
Gate-Source Leakage
at VGS = 20 V
IGSS
-
-
10
µA
Gate-Source Threshold Voltage
at VDS = VGS, ID = 250 µA
VGS(th)
1.1
-
2.1
V
Drain-Source On-State Resistance
at VGS = 10 V, ID =500 mA
at VGS = 5 V, ID = 50 mA
RDS(on)
-
-
-
-
1.6
2
Ω
DYNAMIC PARAMETERS
Gate resistance
at VDS = 0 V, f = 1 MHz
Rg
-
37
-
Ω
Forward Transconductance
at VDS = 10 V, ID =200 mA
gfs
-
307
-
mS
Input Capacitance
at VDS = 10 V, VGS = 0 V, f = 1 MHz
Ciss
-
31
-
pF
Output Capacitance
at VDS =10 V, VGS = 0 V, f = 1 MHz
Coss
-
11
-
pF
Reverse Transfer Capacitance
at VDS = 10 V, VGS = 0 V, f = 1 MHz
Crss
-
8
-
pF
Total Gate Charge
at VDS = 30 V, ID = 1 A, VGS = 10 V
at VDS = 30 V, ID = 1 A, VGS = 4.5 V
Qg
-
-
1.1
0.4
-
-
nC
Gate to Source Charge
at VDS = 30 V, ID = 1 A, VGS = 10 V
Qgs
-
0.5
-
nC
Gate to Drain Charge
at VDS = 30 V, ID = 1 A, VGS = 10 V
Qgd
-
0.2
-
nC
Turn-On Delay Time
at VDD = 30 V, VGS = 10 V, ID = 1 A, Rg = 6.8 Ω
td(on)
-
4.8
-
ns
Turn-On Rise Time
at VDD = 30 V, VGS = 10 V, ID = 1 A, Rg = 6.8 Ω
tr
-
3
-
ns
Turn-Off Delay Time
at VDD = 30 V, VGS = 10 V, ID = 1 A, Rg = 6.8 Ω
td(off)
-
4.4
-
ns
Turn-Off Fall Time
at VDD = 30 V, VGS = 10 V, ID = 1 A, Rg = 6.8 Ω
tf
-
15
-
ns
Body-Diode PARAMETERS
Drain-Source Diode Forward Voltage
at IS = 115 mA
VSD
-
-
1.1
V
Body-Diode Continuous Current
IS
-
-
350
mA
Body Diode Reverse Recovery Time
at IS = 1 A, di/dt = 100 A / µs
trr
-
8.4
-
ns
Body Diode Reverse Recovery Charge
at IS = 1 A, di/dt = 100 A / µs
Qrr
-
3.6
-
nC
2
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com