Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0805F104F6R3CG Datasheet(PDF) 24 Page - Multicomp Pro

Part # 0805F104F6R3CG
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

0805F104F6R3CG Datasheet(HTML) 24 Page - Multicomp Pro

Back Button 0805F104F6R3CG Datasheet HTML 20Page - Multicomp Pro 0805F104F6R3CG Datasheet HTML 21Page - Multicomp Pro 0805F104F6R3CG Datasheet HTML 22Page - Multicomp Pro 0805F104F6R3CG Datasheet HTML 23Page - Multicomp Pro 0805F104F6R3CG Datasheet HTML 24Page - Multicomp Pro 0805F104F6R3CG Datasheet HTML 25Page - Multicomp Pro 0805F104F6R3CG Datasheet HTML 26Page - Multicomp Pro 0805F104F6R3CG Datasheet HTML 27Page - Multicomp Pro 0805F104F6R3CG Datasheet HTML 28Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Page <24>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No
Item
Test Condition
Requirements
Rated
vol.
D.F.≦
Exception of D.F.≦
16V
%
5%
%
10%
0603^0.15μF;0805^0.68μF;1206^2.2μF;
1210^4.7μF
%
15%
0201^0.01μF(0201/X7R^0.022μF);0402^0.033μF;
0603>0.47μF;0805^2.2μF;1206^4.7μF;1210^22μF
10V
%
7.5%
%
15%
0201^0.012μF;0402^0.22μF (0402/X7R^0.15μF);
0603^0.33μF;0805^2.2μF;1206^2.2μF;1210^22μF
%
20%
0201^0.1μF;0402^1μF;0603/X5R^10μF;01R5/X5R
6.3V
%
15%
%
30%
0201^0.1μF;0402^1μF(0402/X6S^0.47μF);
0603^10μF;0805^4.7μF;1206^47μF;1210^100μF
4V
%
20%
-
-
*I.R.: ≥10V, 500MΩ or 25 Ω-F whichever is smaller.
Class II (X7R, X5R, X6S, X7S, Y5V)
Rated voltage
Insulation
Resistance
100V: All X7R;1210≥3.3μF
1GΩ or
RxC≧10 Ω-F
whichever is
smaller.
50V: 0402>0.01μF;0603≥1μF;0805≥1μF;1206≥4.7μF;
1210≥4.7μF
35V:0603≥1μF;0805≥2.2μF; 1206≧2.2μF;1210≧10μF
25V:0201≧0.1uF; 0402≥0.22μF; 0603≥2.2μF;
0805≥2.2μF; 1206≥10μF;1210≥10μF
16V: 0201≧0.1uF;0402≥0.22μF;0603≥1μF;0805≥2.2μF;
1206≥10μF;1210≥47μF
10V: 0201≥47nF;0402≥0.47μF;0603≥0.47μF;
0805≥2.2μF; 1206≥4.7μF;1210≥47μF
6.3V ; 4V ; All X6S/X7S items; Size≥1812
15
High
Temperature
Load
(Endurance)
*Test temp.:
NP0, X7R/X7E/X7S: 125±3°C
X6S: 105±3°C
X5R, 85±3°C
*Test time: 1000+24/-0 hrs.
*To apply voltage:
(1) 100% of rated voltage for below
range.
* No remarkable damage.
Cap change:
NP0: ±3.0% or ±0.3pF whichever is larger
X7R, X5R, X6S, X7S: ≥10V**,
within ±12.5%; ≤ 6.3V within ±25%;
**10V: 0603≥4.7μF;0402≥1μF;0201≥0.1μF,
within ±25%
Q/D.F. value:
NP0: More than 30pF, Q≥350
10pF≤C<30pF, Q≥275+2.5C
Less than 10pF, Q≥200+10C
X7R, X5R, X6S, X7S:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com