Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1689S Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1689S
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689S Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1689S Datasheet HTML 17Page - Dallas Semiconductor DS1689S Datasheet HTML 18Page - Dallas Semiconductor DS1689S Datasheet HTML 19Page - Dallas Semiconductor DS1689S Datasheet HTML 20Page - Dallas Semiconductor DS1689S Datasheet HTML 21Page - Dallas Semiconductor DS1689S Datasheet HTML 22Page - Dallas Semiconductor DS1689S Datasheet HTML 23Page - Dallas Semiconductor DS1689S Datasheet HTML 24Page - Dallas Semiconductor DS1689S Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DS1689/DS1693
21 of 36
EXTENDED CONTROL REGISTERS
Two extended control registers are provided to supply controls and status information for the extended
features offered by the DS1689/DS1693. These are designated as extended control registers A and B and
are located in register bank 1, locations 04AH and 04BH, respectively. The functions of the bits within
these registers are described as follows.
Extended Control Register 4A
MSB
LSB
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
VRT2
INCR
*
*
PAB
RF
WF
KF
*Reserved bits. These bits are reserved for future use by Dallas Semiconductor. They can be read and written, but have no effect on
operation.
Bit 7: VRT2. This status bit gives the condition of the auxiliary battery. It is set to a logic 1 condition
when the external lithium battery is connected to the VBAUX. If this bit is read as logic 0, the external
battery should be replaced.
Bit 6: INCR (Increment in Progress Status). This bit is set to 1 when an increment to the time/date
registers is in progress and the alarm checks are being made. INCR is set to 1 at 122
µs before the update
cycle starts and is cleared to 0 at the end of each update cycle.
Bit 4: PAB (Power Active Bar Control). When this bit is 0, the
PWR pin is in the active-low state. The
user can write this bit to logic 1 or logic 0. If either [WF and WIE = 1] or [KF and KSE = 1], the PAB bit
is cleared to 0.
Bit 2: RF (RAM Clear Flag). This bit is set to logic 1 when a high-to-low transition occurs on the
RCLR
input if RCE = 1. The RF bit is cleared by writing it to logic 0. This bit can also be written to logic 1 to
force an interrupt condition.
Bit 1: WF (Wake-Up Alarm Flag). This bit is set to 1 when a wake-up alarm condition occurs or when
the user writes it to 1. WF is cleared by writing it to 0.
Bit 0: KF (Kickstart Flag). This bit is set to 1 when a kickstart condition occurs or when the user writes
it to 1. This bit is cleared by writing it to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com