Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WP26DK-P034VA3-R15000 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP26DK-P034VA3-R15000
Description  Board-to-Board (FPC) Connector, 34 pos., 0.35mm pitch, 0.6mm stacking height, SMT, with power terminals, Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP26DK-P034VA3-R15000 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  WP26DK-P034VA3-R15000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP26DK-P034VA3-R15000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP26DK-P034VA3-R15000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WP26DK-P034VA3-R15000
Features
Board-to-Board (FPC) Connector, 34 pos., 0.35mm pitch, 0.6mm stacking height, SMT, with power terminals, Plug
Part Number
WP26DK-P034VA3-R15000
Status
Active
Number of Positions
34 pos. (Signal terminal, +2 Power terminals)
Contact Pitch
0.35 mm
Rated Current (AC, DC per pos.)
Signal: 0.3 A, Power Supply: 5.0 A
Rated Voltage (AC, DC)
50 V
Applications
Mobile phones, smartphones, wearable devices, tablet PCs, notebook PCs, digital
cameras, VR/AR headsets and other small portable devices
Connector Type
Plug
Connector Style
Straight
Number of Rows
2 rows
PCB Mounting Method
Soldering (SMT)
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Gold plating
Finish of Contact in PCB
Mounting Area
Gold plating
Product Details


Similar Part No. - WP26DK-P034VA3-R15000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
WP26DK-P030VA3-R15000 JAE-WP26DK-P030VA3-R15000 Datasheet
159Kb / 3P
Board-to-Board (FPC) Connector, 30 pos., 0.35mm pitch, 0.6mm stacking height, SMT, with power terminals, Plug
More results

Similar Description - WP26DK-P034VA3-R15000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP21 JAE-WP21 Datasheet
438Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26 JAE-WP26 Datasheet
463Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP27D JAE-WP27D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
logo
Hirose Electric
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com