| Electronic Components Datasheet Search |
|
L9935 Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9935 Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 19 page ![]() MSB7 bit6 bit5 bit4 bit3 bit2 bit1 bit0 SCK EN CSN CSN SCK SDI SDO t1 t1 t1 tzch t1 tcl tsu tsh td SDI tPd CURRENT B POLARITY B POLARITY A D99AT437 ten_sck MSB7 bit6 bit7 bit7 bit5 bit4 bit3 bit2 bit1 bit0 bit0 bit0 SDO AX CURRENT A ERROR BITS tch Figure 7. SPI Data/Clock Timing. Serial Data Interface (SPI) The serial data interface itself consists of the pins SCL (serial clock), SDI (serial data input) and SDO (serial data output). To especially support bus controlled applications the additional signals EN (chip enable not) and CSN (chip select not) are available. Startup of the Serial Data Interface Falling slope of EN activates the device. After ten.sck the device is ready to work. Falling slope of CSN indicates start of frame. Data transfer (reading SDI into the register) takes place at the rising slopes of SCK. Data transfer of the register to SDO takes place at the falling slope of SCK. Rising slope of CSN indicates end of frame. At the end of frame data will only be accepted if modulo 8 bit (modulo 8 falling slopes to SCK) have been transferred. If this is not the case the input will be ignored and the bridges will maintain the same status as before. SDO is a tristate output. SDO is active while CSN = LOW, while CSN = HIGH SDO is high resistive. L9935 12/19 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |