Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9879-EB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9879-EB
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879-EB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9879-EB Datasheet HTML 5Page - Analog Devices AD9879-EB Datasheet HTML 6Page - Analog Devices AD9879-EB Datasheet HTML 7Page - Analog Devices AD9879-EB Datasheet HTML 8Page - Analog Devices AD9879-EB Datasheet HTML 9Page - Analog Devices AD9879-EB Datasheet HTML 10Page - Analog Devices AD9879-EB Datasheet HTML 11Page - Analog Devices AD9879-EB Datasheet HTML 12Page - Analog Devices AD9879-EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9879
Rev. A | Page 9 of 32
Pin No.
Mnemonic
Description
41
SCLK
SPORT Clock.
42
CS
SPORT Chip Select.
43
SDIO
SPORT Data I/O.
44
SDO
SPORT Data Output.
45
DGNDTX
Tx Path Digital Ground.
46
DVDDTX
Tx Path Digital 3.3 V Supply.
47
PWRDN
Power-Down Transmit Path.
48
REFIO
TxDAC Decoupling (to AGND).
49
FSADJ
DAC Output Adjust (External Resistor).
50
AGNDTX
Tx Path Analog Ground.
51, 52
TX−, TX+
Tx Path Complementary Outputs.
53
AVDDTX
Tx Path Analog 3.3 V Supply.
54
DGNDPLL
PLL Digital Ground.
55
DVDDPLL
PLL Digital 3.3 V Supply.
56
AVDDPLL
PLL Analog 3.3 V Supply.
57
PLLFILT
PLL Loop Filter Connection.
58
AGNDPLL
PLL Analog Ground.
59
DGNDOSC
Oscillator Digital Ground.
60
XTAL
Crystal Oscillator Inverted Output.
61
OSCIN
Oscillator Clock Input.
62
DVDDOSC
Oscillator Digital 3.3 V Supply.
63
CA_CLK
Serial Clock to Cable Driver.
64
CA_DATA
Serial Data to Cable Driver.
65
CA_EN
Serial Enable to Cable Drive.
66
DVDD Σ-∆
Σ-∆ Digital 3.3 V Supply.
67
FLAG1
Digital Output Flag 1.
68
Σ-∆_OUT
Σ-∆ DAC Output.
69
DGND Σ-∆
Σ-∆ Digital Ground.
71
REFCLK
Programmable Reference Clock Output.
73
AVDDIQ
7-Bit ADCs Analog 3.3 V Supply.
74
AGNDIQ
7-Bit ADCs Analog Ground.
78, 79
I−, I+
Differential Input to I ADC.
81, 82
Q−, Q+
Differential Input to Q ADC.
83, 88, 91, 96, 99
AGND
12-Bit ADC Analog Ground.
84, 87, 92, 95
AVDD
12-Bit ADC Analog 3.3 V Supply.
85
REFB10
10-Bit ADC Decoupling Node.
86
REFT10
10-Bit ADC Decoupling Node.
89, 90
IF10−, IF10+
Differential Input to 10-Bit ADC.
93
REFB12
12-Bit ADC Decoupling Node.
94
REFT12
12-Bit ADC Decoupling Node.
97, 98
IF12−, IF12+
Differential Input to IF ADC.
100
VIDEO IN
Video Clamp Input, 12-Bit ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com