Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AEK-COM-10BASET Datasheet(PDF) 12 Page - STMicroelectronics

Part # AEK-COM-10BASET
Description  10BASE-T1S MAC-PHY evaluation board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AEK-COM-10BASET Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AEK-COM-10BASET Datasheet HTML 8Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 9Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 10Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 11Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 12Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 13Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 14Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 15Page - STMicroelectronics AEK-COM-10BASET Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Figure 10. AEK-COM-10BASET circuit schematic (9 of 10)
GND
TXD
1
VSS
2
VDD
3
RXD
4
VIO
5
CANL
6
CANH
7
STBY
8
MCP2542WFD
U8
CAN1_L
CAN1_H
5V_L5963
VDD_HV_IO_MAIN
GND
60.4
R128
4.7nF
C130
GND
47pF
C129
N.M.
R127
47K
R126
GND
CAN1_TX
CAN1_RX
CAN0_TX
CAN0_RX
CAN_GENERIC
CAN_GENERIC
PD14
PD15
Closed
SB9
Closed
SB10
N.M.
R130
60.4
R129
47pF
C131
60
L14
60
L15
GND
TXD
1
VSS
2
VDD
3
RXD
4
VIO
5
CANL
6
CANH
7
STBY
8
MCP2542WFD
U9
CAN0_L
CAN0_H
5V_L5963
VDD_HV_IO_MAIN
GND
60.4
R133
4.7nF
C135
GND
47pF
C134
N.M.
R132
47K
R131
GND
Closed
SB11
Closed
SB12
100nF
C132
10uF
C133
N.M.
R135
60.4
R134
47pF
C136
60
L17
60
L18
1
2
3
4
L16
744242510
1
2
3
4
L19
744242510
TP52
CAN0_L
TP51
CAN1_H
TP50
CAN1_L
TP53
CAN0_H
2
2
1
1
CN5
CAN0_Out
2
2
1
1
CN4
CAN1_Out
10uF
C128
PA13
100nF
C127
PA12
EMIOS1
EMIOS2
GPIO1
GPIO2
ADC2
ADC1
GND
GND
I/O_INTERFACE1
7
7
6
6
5
5
4
4
3
3
2
2
1
1
8
8
CN7
GND
GND
I/O_INTERFACE1
I/O_INTERFACE2
DSPI2_GENERIC
DSPI5_GENERIC
EMIOS3
EMIOS4
GPIO3
GPIO4
ADC4
ADC3
GND
GND
I/O_INTERFACE2
7
7
6
6
5
5
4
4
3
3
2
2
1
1
8
8
CN8
MISO
CS1
CS2
CLK
MOSI
3V3_L5963
5V_L5963
GND
DSPI2_GENERIC
GND
7
7
6
6
5
5
4
4
3
3
2
2
1
1
8
8
CN9
MISO
CS1
CS2
CLK
MOSI
3V3_L5963
5V_L5963
GND
DSPI5_GENERIC
GND
7
7
6
6
5
5
4
4
3
3
2
2
1
1
8
8
CN10
TXD
1
VSS
2
VDD
3
RXD
4
VIO
5
CANL
6
CANH
7
STBY
8
MCP2542WFD
U10
CAN2_L
5V_L5963
VDD_HV_IO_MAIN
60.4
R138
4.7nF
C140
GND
47pF
C139
N.M.
R137
47K
R136
GND
Closed
SB13
Closed
SB14
100nF
C137
10uF
C138
N.M.
R140
60.4
R139
47pF
C141
60
L20
60
L21
1
2
3
4
L22
744242510
TP54
CAN2_L
TP55
CAN2_H
2
2
1
1
CN6
CAN2_Out
CAN2_TX
CAN2_RX
CAN2_CORE
CAN2_H
GND
GND
SDA/RX
SCL/TX
I2C/UART
I2C/UART
2
2
1
1
CN11
N.M.
R142
N.M.
R141
VDD_HV_IO_MAIN
PD2
PD1
2
1
P3
2
1
P4
2
1
P5
GND
GND
GND
5V_L5963
3V3_L5963
5V_L5963
3V3_L5963
PA1
PA2
3V3_L5963
2
1
P6
GND
PF12
PF11
PF10
PF9
PF8
PB8
PB10
PB9
GND
GND
PB0
PB1
PB2
PB3
PD11
PE13
PB4
PE14
PE15
PG11
PG10
PG9
5V_L5963
CAN2_CORE
PA3
PD8
3V3_L5963
5V_L5963
3V3_L5963
5V_L5963



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com