Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDC49B4X Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDC49B4X
Description  40V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC49B4X Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDC49B4X Datasheet HTML 1Page - Potens Semiconductor Corp. PDC49B4X Datasheet HTML 2Page - Potens Semiconductor Corp. PDC49B4X Datasheet HTML 3Page - Potens Semiconductor Corp. PDC49B4X Datasheet HTML 4Page - Potens Semiconductor Corp. PDC49B4X Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
2
PDC49B4X
40V N-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
---
---
V
IDSS
Drain-Source Leakage Current
VDS=40V , VGS=0V , TJ=25
℃
---
---
1
uA
VDS=32V , VGS=0V , TJ=100
℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=20V , VDS=0V
---
---
100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=4A
---
11.5
13.8
m
VGS=4.5V , ID=3A
---
19
25
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
1.6
2.5
V
gfs
Forward Transconductance
VDS=10V , IS=1A
---
3
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge3 , 4
VDS=20V , VGS=10V , ID=20A
---
6.9
10
nC
Qgs
Gate-Source Charge3 , 4
---
1.3
2
Qgd
Gate-Drain Charge3 , 4
---
3
4.5
Td(on)
Turn-On Delay Time3 , 4
VDD=20V , VGS=10V , RG=6
ID=20A
---
8
12
ns
Tr
Rise Time3 , 4
---
12
18
Td(off)
Turn-Off Delay Time3 , 4
---
25
38
Tf
Fall Time3 , 4
---
18
27
Ciss
Input Capacitance
VDS=20V , VGS=0V , F=1MHz
---
490
735
pF
Coss
Output Capacitance
---
170
255
Crss
Reverse Transfer Capacitance
---
9
14
Rg
Gate resistance
VGS=0V, VDS=0V, F=1MHz
---
2
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
40
A
ISM
Pulsed Source Current
---
---
80
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25
℃
---
---
1
V
Trr
Reverse Recovery Time
VR=30V, IS=10A
di/dt=100
A/μs TJ=25℃
---
35
---
ns
Qrr
Reverse Recovery Charge
---
20
---
nC
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
VDD=25V,VGS=10V,L=0.1mH,IAS=22A.,RG=25
,Starting T
J
=25
℃.
3.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
4.
Essentially independent of operating temperature.
5.
Electrical Characteristics (T
J=25
℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com