Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUT-GREEN Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # LUT-GREEN
Description  CONTROL/KEYPAD- 2C/22 AWG SHIELDED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

LUT-GREEN Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  LUT-GREEN Datasheet HTML 1Page - Structured Cable Products Inc. LUT-GREEN Datasheet HTML 2Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
SCP PART#: LUT-GREEN
DESCRIPTION:
CONTROL/KEYPAD- 2C/22 AWG SHIELDED + 2C/18 AWG STRANDED+DRAIN, UL CM, PVC JKT (Compare to Lutron
GRX-CBL-346S)- BLUE W/GREEN STRIPE- 1000FT/305M SPOOL
UPC: 810070015046
Date 12/2/2019
page -2-
Standard:
Diameter
6.35+/-0.20mm
Rip Cord
Nylon
Color
Blue with Green Stripe
Assembly(2C+1P) Core wrap
PE Tape
Jacket
Material
Flame rated PVC
Min.Thickness
0.67mm
AVG.Thickness
0.75mm
Shield
Drain wire(TC)
7/0.20+/-0.004mm
Shield
AL Foil
Insulation
Diameter
1.70+/-0.05mm
Diameter
2.00+/-0.05mm
Colors
Purple & White
Construction
7/0.254+/-0.004mm
Insulation
Material
AVG.Thickness
0.60mm
Material
FPE
Min.Thickness
0.56mm
Min.Thickness
0.24mm
AVG.Thickness
0.26mm
Black & Red
Conductor 1P
Material
Stranded Bare Copper
Size
22AWG X 2C
Construction Characteristics:
Conductor A
Colors
Material
Stranded Bare Copper
Size
18AWG X 2C
Construction
UL 444 & UL 13, Type (UL) CM,CMG/CL2 c(UL)
EU RoHS 2011/65/EU Compliant
EN50575:2014 REACTION TO FIRE CLASS Eca
Bend radius
Min 20D/130mm
16/0.254+/-0.004mm
PVC


Similar Part No. - LUT-GREEN

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
LUT-GREEN-D STRUCTURED-CABLE-LUT-GREEN-D Datasheet
297Kb / 2P
Dca EUROCLASS- CONTROL/KEYPAD- 2C/22 AWG SHIELDED
12/2/2019
LUT-GREEN-D-BX STRUCTURED-CABLE-LUT-GREEN-D-BX Datasheet
554Kb / 1P
Dca EUROCLASS- CONTROL/KEYPAD- 2C/22 AWG SHIELDED
Rev02/22
LUT-GREEN-HDBX STRUCTURED-CABLE-LUT-GREEN-HDBX Datasheet
1Mb / 1P
CONTROL/KEYPAD- 2C/22 AWG SHIELDED
Rev02/22
LUT-GREEN-LSZH STRUCTURED-CABLE-LUT-GREEN-LSZH Datasheet
627Kb / 1P
LOW SMOKE ZERO HALOGEN
rev. 05/20
LUT-GREEN-LSZH-BX STRUCTURED-CABLE-LUT-GREEN-LSZH-BX Datasheet
563Kb / 1P
LOW SMOKE ZERO HALOGEN - CONTROL/KEYPAD
Rev02/22
More results

Similar Description - LUT-GREEN

ManufacturerPart #DatasheetDescription
logo
Tensility International...
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00008 TENSILITY-30-00008 Datasheet
350Kb / 2P
Wire, 2C, 22 AWG, UL2468, 300V, 80C, 3.6mm, PVC, 80P
logo
General Cable Technolog...
C4100A GENERAL-C4100A Datasheet
59Kb / 1P
2C 22 (7/30)TC PVC, PVC COMMUNICATION AND CONTROL CABLE
C4192A GENERAL-C4192A Datasheet
59Kb / 1P
2C 22 AWG 7/30 TC PVC / OAS / PVC COMMUNICATION & CONTROL CABLE
C7104A GENERAL-C7104A Datasheet
59Kb / 1P
2C 22 AWG (7/30)TC SRPVC OAS PVC COMMUNICATION & CONTROL CABLE
C9009A GENERAL-C9009A Datasheet
70Kb / 1P
2C 22 AWG 7/30 TC PVC / PVC
C9109A GENERAL-C9109A Datasheet
70Kb / 1P
2C 22 AWG 7/30 TC PVC / OAS / PVC
logo
Axiomtek Co., Ltd.
GOT710-837 AXIOMTEK-GOT710-837 Datasheet
389Kb / 2P
Alternative keypad control in front bezel
logo
Belden Inc.
8787 BELDEN-8787 Datasheet
192Kb / 2P
Audio, Control and Instrumentation, 8 Conductor 24 AWG, Shielded Quads; 2 Conductor 22 AWG Unshielded
12-20-2022
5500FH BELDEN-5500FH Datasheet
151Kb / 2P
Security & Sound, #22-2c, TC, Shielded, CMR
12-20-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com