Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCDP1511D Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCDP1511D
Description  DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1511D Datasheet(HTML) 2 Page - STMicroelectronics

  LCDP1511D Datasheet HTML 1Page - STMicroelectronics LCDP1511D Datasheet HTML 2Page - STMicroelectronics LCDP1511D Datasheet HTML 3Page - STMicroelectronics LCDP1511D Datasheet HTML 4Page - STMicroelectronics LCDP1511D Datasheet HTML 5Page - STMicroelectronics LCDP1511D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
170
°C/W
THERMAL RESISTANCE
Symbol
Parameter
Value
Unit
IPP
Peak pulse current (see note1)
10/1000
µs
5/310
µs
2/10
µs
15
25
70
A
IFSM
Non repetitive surge peak on-state current
(see note2)
tp = 10ms
tp =1s
5
3.5
A
VMLG
VMGL
Maximum voltage LINE/GND
Maximum voltage GATE/LINE
80
80
V
Tstg
Storage temperature range
- 55 to + 150
°C
TL
Lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C).
100
50
%IPP
t
t
t
rp
0
Note 1: Pulse waveform
10 / 1000
µstr = 10 µs
tp = 1000
µs
5 / 310
µstr = 5 µs
tp = 310
µs
2/ 10
µstr = 2 µstp = 10 µs
Note 2 : Maximum current flowing through the 4 wires together.
Symbol
Parameter
IGT
Gate triggering current
IH
Holding current
IRM
Reverse leakage current LINE / GND
IRG
Reverse leakage current GATE / LINE
VRM
Reverse voltage LINE / GND
VGT
Gate triggering voltage
VF
Forward drop voltage LINE / GND
VFP
Peak forward voltage
VDGL
Dynamic switching voltage GATE / LINE
VGATE
GATE / GND voltage
VRG
Reverse voltage GATE / LINE
C
Capacitance LINE / GND
ELECTRICAL CHARACTERISTICS (Tamb =25
°C)
VDGL
VRM
VR
IPP
IH
IR
IRM
VF
LCDP1511D
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com