Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 141Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 142Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 143Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 144Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 145Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 146Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 147Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 148Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 311 page
background image
Table 25. Current consumption in Run and Low-power run modes, code with data processing
running from Flash in single Bank, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48 MHz
included,
bypass mode
PLL ON
above 48 MHz
all peripherals
disable
Range 2
26 MHz
3.15
3.50
4.50
5.95
8.50
3.90
4.8
6.8
11
17
mA
16 MHz
2.05
2.40
3.35
4.80
7.35
2.60
3.4
5.4
8.7
15
8 MHz
1.15
1.50
2.50
3.85
6.40
1.60
2.3
4.3
7.6
14
4 MHz
0.69
1.00
2.00
3.40
5.95
1.00
1.8
3.8
7.1
13
2 MHz
0.46
0.79
1.75
3.15
5.70
0.70
1.5
3.5
6.8
13
1 MHz
0.35
0.68
1.65
3.05
5.60
0.60
1.4
3.4
6.6
13
100 KHz
0.25
0.58
1.55
2.95
5.50
0.40
1.2
3.2
6.5
13
Range 1
Boost mode
120 MHz 17.50
18.00
19.50
21.50
25.00
21
23
26
30
38
Range 1
Normal
mode
80 MHz
11.00
11.50
13.00
15.00
18.00
13
14
17
21
28
72 MHz
10.00
10.50
12.00
13.50
17.00
12
13
16
20
27
64 MHz
9.05
9.55
11.00
12.50
16.00
11
12
14
18
26
48 MHz
6.80
7.30
8.55
10.50
13.50
8.30
9.3
12
16
23
32 MHz
4.65
5.10
6.35
8.10
11.00
5.70
6.7
9.2
14
21
24 MHz
3.55
4.00
5.25
7.00
10.00
4.40
5.4
7.9
12
19
16 MHz
2.45
2.90
4.10
5.85
8.90
3.10
4.1
6.6
11
18
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
420
825
1900
3500
6250
690
1600
4000
7700 14000
µA
1 MHz
295
680
1800
3350
6100
490
1500
3900
7500 14000
400 KHz
205
610
1700
3250
6050
430
1400
3800
7500 14000
100 KHz
190
565
1650
3250
6000
380
1400
3700
7400 14000
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com