Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L4P5CEI3P Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32L4P5CEI3P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI3P Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32L4P5CEI3P Datasheet HTML 145Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 146Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 147Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 148Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 149Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 150Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 151Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 152Page - STMicroelectronics STM32L4P5CEI3P Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 311 page
background image
Table 29. Current consumption in Run and Low-power run modes,
code with data processing running from Flash in single bank, ART disable
Symbol
Parameter
Conditions
fHCLK
TYP
MAX(1)
Unit
-
Voltage
scaling
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE
up to 48MHz
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disable
Range 2
26 MHz
3.60
3.95
4.95
6.40
9.00
4.6
5.5
7.5
11
17
mA
16 MHz
2.40
2.75
3.75
5.15
7.70
3.1
4
6
9.3
16
8 MHz
1.35
1.70
2.70
4.10
6.60
1.8
2.6
4.6
7.9
14
4 MHz
0.79
1.10
2.10
3.50
6.05
1.2
1.9
3.9
7.2
14
2 MHz
0.51
0.84
1.80
3.20
5.75
0.77
1.6
3.6
6.8
13
1 MHz
0.38
0.70
1.65
3.05
5.70
0.6
1.4
3.4
6.7
13
100 KHz
0.25
0.58
1.55
2.95
5.50
0.44
1.2
3.2
6.5
13
Range 1
Boost Mode
120 MHz 17.50
18.00
19.50
21.50
25.00
21
23
26
30
38
Range 1
Normal
Mode
80 MHz
12.50
13.00
14.00
16.00
19.00
15
17
19
23
30
72 MHz
11.00
11.50
13.00
15.00
18.00
14
15
18
22
29
64 MHz
10.00
10.50
12.00
13.50
17.00
12
14
16
20
28
48 MHz
7.90
8.40
9.70
11.50
14.50
9.8
12
14
18
25
32 MHz
5.60
6.10
7.35
9.10
12.00
7
8.2
11
15
22
24 MHz
4.25
4.75
5.10
7.75
11.00
5.4
6.5
9
13
20
16 MHz
3.00
3.45
4.70
6.45
9.50
3.9
4.9
7.4
12
19
IDD
(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fMSI
all peripherals disable
2 MHz
495
890
2000
3550
6300
810
1700
4100
7800
15000
µA
1 MHz
315
720
1800
3400
6150
560
1500
3900
7600
14000
400 KHz
235
615
1700
3250
6050
420
1400
3800
7500
14000
100 KHz
175
575
1700
3200
6000
400
1400
3700
7400
14000
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com