Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCDP1521RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCDP1521RL
Description  DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1521RL Datasheet(HTML) 1 Page - STMicroelectronics

  LCDP1521RL Datasheet HTML 1Page - STMicroelectronics LCDP1521RL Datasheet HTML 2Page - STMicroelectronics LCDP1521RL Datasheet HTML 3Page - STMicroelectronics LCDP1521RL Datasheet HTML 4Page - STMicroelectronics LCDP1521RL Datasheet HTML 5Page - STMicroelectronics LCDP1521RL Datasheet HTML 6Page - STMicroelectronics LCDP1521RL Datasheet HTML 7Page - STMicroelectronics LCDP1521RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
LCDP1521
®
March 2002 - Ed: 1A
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE
SUPPRESSOR FOR SLIC PROTECTION
SO-8
s
Dual line programmable transient voltage
suppressor
s
Wide negative firing voltage range:
VMGL = -150 V max.
s
Low dynamic switching voltages: VFP and VDGL
s
Low gate triggering current: IGT =5mAmax
s
Peak pulse current: IPP = 15 A (10/1000
µs)
s
Holding current: IH = 150 mA min
FEATURES
This device has been especially designed to
protect 2 new high voltage, as well as classical
SLICs, against transient overvoltages.
Positive overvoltages are clamped by 2 diodes.
Negative surges are suppressed by 2 thyristors,
their breakdown voltage being referenced to -VBAT
through the gate.
This component presents a very low gate
triggering current (IGT) in order to reduce the cur-
rent consumption on printed circuit board during
the firing phase.
DESCRIPTION
A.S.D.™
TIP 1
RING 1
TIP 2
RING 2
GATE
GATE
GND
GND
1
2
3
4
8
7
6
5
FUNCTIONAL DIAGRAM
Trisils are not subject to ageing and provide a fail
safe mode in short circuit for a better protection.
Trisils are used to help equipment to meet various
standards such as UL1950, IEC950 / CSA C22.2,
UL1459 and FCC part68. Trisils have UL94 V0
resin approved (Trisils are UL497B approved (file:
E136224)).
BENEFITS


Similar Part No. - LCDP1521RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1521RL STMICROELECTRONICS-LCDP1521RL Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
More results

Similar Description - LCDP1521RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
Dual line programmable transient voltage suppressor for SLIC protection
09-Feb-2017
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com