Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE-1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-1
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-1 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-1 Datasheet HTML 1Page - Mini-Circuits ADE-1 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Outline Dimensions (
)
inch
mm
Features
• low conversion loss, 5.0 dB typ.
• excellent L-R isolation, 55 dB typ.
• excellent IP3, 15 dBm typ.
• low profile package
• aqueous washable
• protected under US patent 6133525
CASE STYLE: CD636
PRICE: $1.99 ea. QTY (100)
Applications
• VHF/UHF
A
B
C
D
E
F
G
H
J
K
L
wt.
.280
.310
.220
.100
.162
.055
.100
.030
.030
.065
.300 grams
7.11
7.87
5.58
2.54
4.11
1.40
2.54
0.76
0.76
1.65
7.62
.25
Mixer Electrical Specifications
LO-RF ISOLATION
(dB)
Total
Range
Max.
CONVERSION LOSS
(dB)
Max.
Mid-Band
m
_
x
FREQUENCY
(MHz)
IF
LO/RF
f
L- fU
L
Typ. Min.
σσσσσ
MODEL
NO.
IP3@
center
band
Typ.
(dBm)
M
Typ. Min.
U
Typ. Min.
ADE-1
0.5-500
DC-500
5.0
.10
6.5
7.8
70 50
55 35
45 30
65
45
40 25
30 20
15
0.8
E
FACTOR
1 dB COMP.: +1 dBm typ.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = mid band [2f
L to fU/2]
E= [IP3(dBm)-LO Power(dBm)]/10
LO-IF ISOLATION
(dB)
L
Typ. Min.
M
Typ. Min.
U
Typ. Min.
Pin Connections
PORT
ht
LO
6
RF
3
IF
2
GROUND EXT.
1,4,5
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
electrical schematic
Outline Drawing
Level 7 (LO Power +7dBm) 0.5 to 500 MHz
Frequency Mixer
Surface Mount
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
REV. C
M92526
ED-7605/1
ADE-1
WL/TD/CP
040304
Page 1 of 2
ADE-1


Similar Part No. - ADE-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
ADE-1+ MINI-ADE-1+ Datasheet
231Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
More results

Similar Description - ADE-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com