Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C4255 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY7C4255
Description  8K/16K x 18 Deep Sync FIFOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4255 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY7C4255 Datasheet HTML 12Page - Cypress Semiconductor CY7C4255 Datasheet HTML 13Page - Cypress Semiconductor CY7C4255 Datasheet HTML 14Page - Cypress Semiconductor CY7C4255 Datasheet HTML 15Page - Cypress Semiconductor CY7C4255 Datasheet HTML 16Page - Cypress Semiconductor CY7C4255 Datasheet HTML 17Page - Cypress Semiconductor CY7C4255 Datasheet HTML 18Page - Cypress Semiconductor CY7C4255 Datasheet HTML 19Page - Cypress Semiconductor CY7C4255 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
CY7C4255
CY7C4265
Document #: 38-06004 Rev. *C
Page 16 of 22
Retransmit
The retransmit feature is beneficial when transferring packets
of data. It enables the receipt of data to be acknowledged by
the receiver and retransmitted if necessary.
The Retransmit (RT) input is active in the stand-alone and
width expansion modes. The retransmit feature is intended for
use when a number of writes equal to or less than the depth
of the FIFO have occurred and at least one word has been
read since the last RS cycle. A HIGH pulse on RT resets the
internal read pointer to the first physical location of the FIFO.
WCLK and RCLK may be free running but must be disabled
during and tRTR after the retransmit pulse. With every valid
read cycle after retransmit, previously accessed data is read
and the read pointer is incremented until it is equal to the write
pointer. Flags are governed by the relative locations of the
read and write pointers and are updated during a retransmit
cycle. Data written to the FIFO after activation of RT are trans-
mitted also.
The full depth of the FIFO can be repeatedly retransmitted.
Table 2. Flag Truth Table
Number of Words in FIFO
FF
PAF
HF
PAE
EF
CY7C4255 – 8K x 18
CY7C4265 – 16K x 18
00
H
H
H
L
L
1 to n[37]
1 to n[37]
HH
H
L
H
(n + 1) to 4096
(n + 1) to 8192
H
H
H
H
H
4097 to (8192 – (m + 1))
8193 to (16384 – (m + 1))
H
H
L
H
H
(8192 – m)[38] to 8191
(16384 – m)[38] to 16383
H
L
L
H
H
8192
16384
L
L
L
H
H
Notes:
37. n = Empty Offset (Default Values: CY7C4255/CY7C4265 n = 127).
38. m = Full Offset (Default Values: CY7C4255/CY7C4265 n = 127).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com