Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PZ0603D300-R60TF Datasheet(PDF) 4 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # PZ0603D300-R60TF
Description  Multilayer Chip Ferrite Bead – PZ Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

PZ0603D300-R60TF Datasheet(HTML) 4 Page - Shenzhen Sunlord Electronics Co., Ltd

  PZ0603D300-R60TF Datasheet HTML 1Page - Shenzhen Sunlord Electronics Co., Ltd PZ0603D300-R60TF Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd PZ0603D300-R60TF Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd PZ0603D300-R60TF Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd PZ0603D300-R60TF Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd PZ0603D300-R60TF Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd PZ0603D300-R60TF Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications subject to change without notice. Please check our website for latest information. Released: 2011/03/15
Sunlord
Sunlord Industrial Park, Guanguang Road, Shenzhen, China Tel: 0755-29832660 Fax: 0755-82269029 Web:http://www.sunlordinc.com E-mail: sunlord@sunlordinc.com
TYPICAL ELECTRICAL CHARACTERISTICS
D, E, U Material Comparison
Rated Current
When operating temperatures exceed +85℃, derating of
current is necessary for chip ferrite beads for which rated
current is 1000mA and over. Please apply the derating curve
shown in chart according to the operating temperature.
DETAIL ELECTRICAL CHARACTERISTICS
PZ0603 TYPE
PZ1005 TYPE
1
10
100
1000
Frequency(MHz)
0
50
100
150
200
250
PZ1005E121-R70TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
100
200
300
400
500
PZ1005E221-R60TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
200
400
600
800
PZ1005E601-R45TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
30
60
90
120
PZ1005U700-R80TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
50
100
150
200
PZ1005U121-R70TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
100
200
300
400
PZ1005U221-R60TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
50
100
150
200
250
300
PZ1608D121-1R0TF
PZ1608U121-2R0TF
0
1
2
3
4
5
6
7
0
50
100
150
Operating Temperature[℃]
2.5
1.5
0.8
85
125
1
10
100
1000
Frequency(MHz)
0
10
20
30
40
PZ1005D100-1R0TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
5
10
15
20
PZ1005E100-1R7TF
R
X
Z
1
10
100
100
Frequency(MHz)
0
30
60
90
120
150
PZ1005E700-R80TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
20
40
60
80
PZ0603D220TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
20
40
60
80
100
PZ0603D330TF
X
Z
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com