Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC0X02D Datasheet(PDF) 30 Page - Texas Instruments

Part # AMC0X02D
Description  AMC0x02D Precision, ±50mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X02D Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC0X02D Datasheet HTML 26Page - Texas Instruments AMC0X02D Datasheet HTML 27Page - Texas Instruments AMC0X02D Datasheet HTML 28Page - Texas Instruments AMC0X02D Datasheet HTML 29Page - Texas Instruments AMC0X02D Datasheet HTML 30Page - Texas Instruments AMC0X02D Datasheet HTML 31Page - Texas Instruments AMC0X02D Datasheet HTML 32Page - Texas Instruments AMC0X02D Datasheet HTML 33Page - Texas Instruments AMC0X02D Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
R2 10
R1 10
C5 10nF
AVDD
C2 1µF
C1 100nF
C6 1nF
C7 1nF
I
VDD2
C4 1µF
C3 100nF
to RC filter / ADC
to RC filter / ADC
VDD1
GND1
INP
INN
VDD2
OUTP
OUTN
GND2
Figure 8-5. Decoupling of the AMC0x02D
Verify capacitors provide adequate effective capacitance under the applicable DC bias conditions experienced in
the application. Multilayer ceramic capacitors (MLCC) typically exhibit only a fraction of the nominal capacitance
under real-world conditions. Consider this factor when selecting these capacitors. This issue is especially acute
in low-profile capacitors, where the dielectric field strength is higher than in taller components. Reputable
capacitor manufacturers provide capacitance versus DC bias curves that greatly simplify component selection.
8.5 Layout
8.5.1 Layout Guidelines
The Layout Example section details a layout recommendation with the critical placement of the decoupling
capacitors (as close as possible to the AMC0x02D supply pins). This example also depicts the placement of
other components required by the device.
8.5.2 Layout Example
Figure 8-6. Recommended Layout of the AMC0x02D
OUTN
OUTP
to RC filter / ADC
to RC filter / ADC
GND1
VDD1
VDD2
C7
R2
C6
R1
C2
C1
Clearance area, keep free of any
conductive materials
GND2
INP
INN
C3
C4
Top Metal
Inner or Bottom Layer Metal
Via
AMC0202D, AMC0302D
SBASB23 – DECEMBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0202D AMC0302D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com