Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PV36W203C01B00. Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # PV36W203C01B00.
Description  Trimmer Potentiometers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PV36W203C01B00. Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  PV36W203C01B00. Datasheet HTML 1Page - Bourns Electronic Solutions PV36W203C01B00. Datasheet HTML 2Page - Bourns Electronic Solutions PV36W203C01B00. Datasheet HTML 3Page - Bourns Electronic Solutions PV36W203C01B00. Datasheet HTML 4Page - Bourns Electronic Solutions PV36W203C01B00. Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
(2)
(3)
(1)
Standard Mounting Holes
PV36W
PV36X
PV36Y
PV36Z
PV36P
PV36.pdf
08/19
Δ
TR : ±2%
Δ
V.S.S.: ±1%
Δ
TR : ±2%
IR
: 100M ohm min.
Δ
TR : ±1%
Δ
V.S.S.: ±1%
Δ
TR : ±1%
Δ
V.S.S.: ±1%
Δ
TR : ±3%
Δ
V.S.S.: ±1%
Δ
TR : ±2%
Δ
V.S.S.: ±1%
Δ
TR : ±3%
Δ
V.S.S.: ±1%
Δ
TR : RV1k ohm, RU500k ohm ... ±5%
1k ohmFRF500k ohm ... ±3% (200 cycles)
Temperature
Cycle
Humidity
Vibration (20G)
Shock (100G)
Temperature
Load Life
Low Temperature
Exposure
High Temperature
Exposure
Rotational Life
Δ
TR : Total Resistance Change
Δ
V.S.S.: Voltage Setting Stability
IR
: Insulation Resistance
R
: Standard Total Resistance
Characteristics
Part Numbering
PV 36 W 103 C01 B00
Product ID
PV = Trimming Potentiometer
Series
36 = Lead Sealed 10 mm Square, 25-Turns
Adjustment Direction/Lead Type
W = Top, Inline
Y = Top, Triangle
X = Side, Inline
Z = Top, Triangle
P = Side, Triangle
Total Resistance
Expressed by three figures.
The first and second figures are significant digits;
the third figure expresses the number of zeros
that follow.
Individual Specification
C01 = Standard Type
Packaging
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Popular values listed in boldface. Special
resistances available.
B00 = Tube (50 pcs. per tube)
2.5
(.098)
2.5
(.098)
0.9
(.035)
3 PLCS.
(3)
(1)
(2)
MM
(INCHES)
DIMENSIONS:
0.1
(.004)
TOLERANCES: ±
EXCEPT WHERE NOTED
2.5
(.098)
2.5
(.098)
2.5
(.098)
0.9
(.035)
3 PLCS.
Typical Part Marking
3-Digit Date Code and Manufacturing Code
- First digit indicates year of manufacture;
Resistance Code
- Resistance code marking as shown in the
Part Numbering Resistance Table.
- Last two digits indicate week of manufacture;
- 4th digit is suffix for manufacturing location:
C = Costa Rica
Example:
604C = Manufactured in 2016, week 4, Costa Rica
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com