Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7824CF Datasheet(PDF) 23 Page - STMicroelectronics

Part # L7824CF
Description  POSITIVE VOLTAGE REGULATORS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7824CF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L7824CF Datasheet HTML 19Page - STMicroelectronics L7824CF Datasheet HTML 20Page - STMicroelectronics L7824CF Datasheet HTML 21Page - STMicroelectronics L7824CF Datasheet HTML 22Page - STMicroelectronics L7824CF Datasheet HTML 23Page - STMicroelectronics L7824CF Datasheet HTML 24Page - STMicroelectronics L7824CF Datasheet HTML 25Page - STMicroelectronics L7824CF Datasheet HTML 26Page - STMicroelectronics L7824CF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
L7800 SERIES
23/34
Figure 35: Adjustable Output Voltage with Temperature Compensation
NOTE: Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a slow rise time of the VO.
Figure 36: Light Controllers (VOmin = VXX + VBE)
Figure 37: Protection against Input Short-Circuit with High Capacitance Loads
Application with high capacitance loads and an output voltage greater than 6 volts need an external diode (see fig. 33) to protect the device
against input short circuit. In this case the input voltage falls rapidly while the output voltage decrease slowly. The capacitance discharges by
means of the Base-Emitter junction of the series pass transistor in the regulator. If the energy is sufficiently high, the transistor may be de-
stroyed. The external diode by-passes the current from the IC to ground.
R2
VO = VXX (1+ ) + VBE
R1
VO rises when the light goes up
VO falls when the light goes up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com