Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY22701FSXIT Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY22701FSXIT
Description  1 PLL In-System Programmable Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22701FSXIT Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY22701FSXIT Datasheet HTML 7Page - Cypress Semiconductor CY22701FSXIT Datasheet HTML 8Page - Cypress Semiconductor CY22701FSXIT Datasheet HTML 9Page - Cypress Semiconductor CY22701FSXIT Datasheet HTML 10Page - Cypress Semiconductor CY22701FSXIT Datasheet HTML 11Page - Cypress Semiconductor CY22701FSXIT Datasheet HTML 12Page - Cypress Semiconductor CY22701FSXIT Datasheet HTML 13Page - Cypress Semiconductor CY22701FSXIT Datasheet HTML 14Page - Cypress Semiconductor CY22701FSXIT Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PRELIMINARY
CY22701
Document #: 38-07698 Rev. *B
Page 13 of 15
Voltage and Timing Definitions
Figure 8. Duty Cycle Definition; DC = t2/t1
Figure 9. Rise and Fall Time Definitions: ER = 0.6 x VDD / t3, EF = 0.6 x VDD / t4
Ordering Information
Ordering Code
Feature
Package Name
Package Type
Operating
Range
Operating
Voltage
CY22701FSXC
Field Programmable
Lead Free SOIC
8 Pin SOIC
Commercial
3.3V
CY22701FSXCT
Field Programmable
Lead Free SOIC - Tape and Reel
8 Pin SOIC
Commercial
3.3V
CY22701FSXI
Field Programmable
Lead Free SOIC
8 Pin SOIC
Industrial
3.3V
CY22701FSXIT
Field Programmable
Lead Free SOIC - Tape and Reel
8 Pin SOIC
Industrial
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com