Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF19045LSR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF19045LSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF19045LSR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF19045LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF19045LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF19045LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF19045LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF19045LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF19045LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF19045LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF19045LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF19045LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MRF19045LR3 MRF19045LSR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
5
10
15
20
25
30
35
1900
1930
1960
1990
2020
−60
−50
−40
−30
−20
−10
0
Figure 3. 2-Carrier N-CDMA ACPR, IM3, Power Gain
and Drain Efficiency versus Output Power
Figure 4. 2-Carrier N-CDMA ACPR, IM3, Power Gain, IRL
and Drain Efficiency versus Output Power
Figure 5. 2-Carrier N-CDMA IM3
versus Output Power
Pout, OUTPUT POWER (WATTS) (Avg. 2−Carrier N−CDMA)
Figure 6. 2-Carrier N-CDMA ACPR
versus Output Power
13.5
Pout, OUTPUT POWER (WATTS) (Avg. 2−Carrier N−CDMA)
0
5
10
15
20
25
30
35
40
12345
6789
10
11
12
−70
−65
−60
−55
−50
−45
−40
−35
−30
η
Gps
ACPR
IM3
η
Gps
ACPR
IM3
IRL
f, FREQUENCY (MHz)
−55
−50
−45
−40
−35
−30
01
9
10
11
12
350 mA
450 mA
700 mA
550 mA
VDD = 26 Vdc
IDQ = 550 mA
f1 = 1960 MHz, f2 = 1962.5 MHz
23
4
5
6
7
8
Pout, OUTPUT POWER (WATTS) (Avg. 2−Carrier N−CDMA)
01
9
10
11
12
23
4
5
6
7
8
−70
−55
−65
−60
−50
−45
Figure 7. 2-Carrier N-CDMA Power Gain
versus Output Power
Pout, OUTPUT POWER (WATTS) (Avg. 2−Carrier N−CDMA)
350 mA
450 mA
700 mA
550 mA
01
9
10
11
12
23
4
5
6
7
8
350 mA
450 mA
700 mA
550 mA
14.0
14.5
15.0
15.5
VDD = 26 Vdc
IDQ = 450 mA
f1 = 1960 MHz, f2 = 1960.1 MHz
1.2288 MHz Source Channel Bandwidth,
9 CH FWD Carrier
(9.8 dB Peak/Avg. Ratio @ 0.01%)
VDD = 26 Vdc, IDQ = 550 mA 2.5 MHz Carrier Spacing
9 CH FWD Carrier (9.8 dB Peak/Avg. Ratio @ 0.01%)
1.2288 MHz Source Channel Bandwidth
VDD = 26 Vdc
IDQ = 550 mA
f1 = 1960 MHz, f2 = 1962.5 MHz
1.2288 MHz Source Channel Bandwidth,
9 CH FWD Carrier
(9.8 dB Peak/Avg. Ratio @ 0.01%
Probability) (CCDF)
VDD = 26 Vdc, IDQ = 550 mA
f1 = 1960 MHz, f2 = 1962.5 MHz
1.2288 MHz Source Channel Bandwidth,
9 CH FWD Carrier
(9.8 dB Peak/Avg. Ratio @ 0.01% Probability) (CCDF)
Figure 8. CW Output Power, Power Gain and Drain
Efficiency versus Input Power
0
10
20
30
40
50
60
70
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
10
11
12
13
14
15
16
17
Gps
η
Pout
P1dB
P3dB
Pin, INPUT POWER (WATTS CW)
VDD = 26 Vdc
IDQ = 550 mA
f = 1960 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com