Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DB156 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # DB156
Description  BRIDGE RECTIFIERBRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

DB156 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  DB156 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DB156 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
●Glass passivated junction
●The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
●Suge overload ratings to 50 amperes peak
●Ideal for printed circuit board application
●High temperature soldering guaranteed 265℃/10
seconds at 5 lbs(2.3kg)tension
Mechanical Data
Case:Molded plastic
Terminals:Platde leads solderable per MIL-STD-750,
Method 2026
Polarity:Polarity symbols molded or Marked on body
Mounting Position:Any
Weight:0.011ounce,0.32 grams(approx)
Maximum Ratings & Thermal Characteristics
Rating at 25℃ ambient temperature unless otherwise specified,Resistive or inductive load,60HZ.
For Capacitive load derate current by 20%
Symbol
DB151
DB153 DB154
DB155
DB156
DB157
unit
VRRM
50
200
400
600
800
1000
V
VRMS
35
140
280
420
560
700
V
VDC
50
200
400
600
800
1000
V
I
2t
A
2sec
ReJA
℃/w
Cj
PF
TJ,
TSTG
Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified,Resistive or inductive load,60HZ.
For Capacitive load derate current by 20%
Symbol
DB151
DB153 DB154
DB155
DB156
DB157
unit
Maximum instantaneous forward voltage
drop per leg at 2.0A
Maximum DC reverse current at ratde TA=25℃
DC blocking voltage per element TA=125℃
Notes:(1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
(2)Measured at 1.0MHz and applied reverse voltage of 4.0 volts.
VF
1.1
V
IR
10
UA
500
Operating junction and stroage temperature
-55to+150
℃
range
Parameter
DB152
Rating for fusing(t<8.3ms)
10
Typical thermal resistance per element(1)
110
Typical thermal resistance per element(2)
25.0
Maximum average forward rectified
IF(AV)
1.5
A
output current at TA=40℃
Peak forward surge current single sine-wave
IFSM
50
A
superimposed on rated load (JEDEC Method)
Maximum repetitive peak reverse voltage
100
Maximum RMS bridge input voltage
70
Maximum DC blocking voltage
100
DB151 THRU DB157
Parameter
DB152
0.255(6.5)
0.245(6.2)
+
0.350(8.9)
0.300(7.6)
0.335(8.5)
0.307(7.8)
0.165(4.2)
0.155(3.9)
0.060
(1.5)
0.020
(0.5)
0.205(5.2)
0.195(5.0)
0.118(3.0)
0.098(2.35)
Dimensions in inches and (millimeters)
www.shunyegroup.com.cn
V2.22
BRIDGE RECTIFIERBRIDGE
DB-1


Similar Part No. - DB156

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB156 SURGE-DB156 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rectron Semiconductor
DB156 RECTRON-DB156 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB156 DCCOM-DB156 Datasheet
377Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
DB156 FORMOSA-DB156 Datasheet
34Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
DB156 FORMOSA-DB156 Datasheet
62Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
More results

Similar Description - DB156

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7267BP TOSHIBA-TA7267BP Datasheet
357Kb / 9P
BRIDGE DRIVER
logo
List of Unclassifed Man...
PV100 ETC1-PV100 Datasheet
46Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE BRIDGE
logo
Powersem GmbH
PSD150F12 POWERSEM-PSD150F12 Datasheet
395Kb / 1P
Three Phase RECTIFIERBRIDGE
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
Half-bridge and full-bridge topologies
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
Half-bridge and full-bridge topologies
IRFH7085PBF IRF-IRFH7085PBF_15 Datasheet
508Kb / 11P
Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRL60S216 INFINEON-IRL60S216 Datasheet
722Kb / 12P
Half-bridge and full-bridge topologies
2016-1-19
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Infineon Technologies A...
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
Half-bridge and full-bridge topologies
2017-01-24
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com