Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57070-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # PD57070-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PD57070-E Datasheet HTML 11Page - STMicroelectronics PD57070-E Datasheet HTML 12Page - STMicroelectronics PD57070-E Datasheet HTML 13Page - STMicroelectronics PD57070-E Datasheet HTML 14Page - STMicroelectronics PD57070-E Datasheet HTML 15Page - STMicroelectronics PD57070-E Datasheet HTML 16Page - STMicroelectronics PD57070-E Datasheet HTML 17Page - STMicroelectronics PD57070-E Datasheet HTML 18Page - STMicroelectronics PD57070-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
PD57070-E, PD57070S-E
Common source s-parameter
15/22
6.4
PD57070S (VDS = 28V IDS = 3A)
Table 10.
S-parameter
FREQ
IS11IS11∠Φ
IS21IS21∠Φ
IS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.889
-154
18.31
92
0.008
8
0.783
-173
100
0.915
-166
8.98
82
0.007
-2
0.799
-174
150
0.928
-171
6.01
75
0.007
-4
0.807
-175
200
0.934
-173
4.35
69
0.007
-9
0.820
-175
250
0.939
-175
3.42
62
0.006
-12
0.833
-174
300
0.943
-176
2.74
57
0.006
-11
0.847
-174
350
0.946
-177
2.26
51
0.005
-13
0.860
-175
400
0.948
-178
1.89
47
0.005
-9
0.876
-175
450
0.954
-178
1.61
42
0.004
-6
0.887
-175
500
0.958
-179
1.37
38
0.004
-4
0.897
-176
550
0.961
-180
1.19
34
0.003
1
0.905
-176
600
0.965
180
1.05
31
0.003
12
0.914
-176
650
0.966
179
0.92
28
0.003
19
0.921
-177
700
0.968
178
0.82
25
0.003
38
0.929
-177
750
0.970
178
0.74
22
0.003
45
0.938
-178
800
0.971
177
0.66
19
0.003
45
0.942
-178
850
0.968
177
0.60
17
0.003
57
0.946
-179
900
0.973
176
0.55
15
0.004
58
0.952
-180
950
0.973
176
0.50
13
0.004
56
0.955
180
1000
0.973
175
0.46
11
0.005
59
0.958
179
1050
0.975
175
0.42
9
0.005
73
0.962
179
1100
0.977
174
0.39
6
0.005
71
0.965
178
1150
0.975
174
0.36
4
0.005
73
0.964
178
1200
0.972
174
0.33
3
0.006
74
0.963
178
1250
0.976
173
0.31
1
0.006
80
0.965
177
1300
0.977
173
0.29
-1
0.006
79
0.967
176
1350
0.974
172
0.26
-2
0.007
81
0.969
176
1400
0.976
172
0.25
-3
0.007
86
0.969
176
1450
0.974
172
0.23
-4
0.007
88
0.968
175
1500
0.971
171
0.22
-5
0.008
102
0.966
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com