Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM04DCL050PVC Datasheet(PDF) 33 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM04DCL050PVC
Description  M12 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM04DCL050PVC Datasheet(HTML) 33 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM04DCL050PVC Datasheet HTML 27Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 28Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 29Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 30Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 31Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 32Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 33Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 34Page - Bulgin Limited. All rights reserved. PXPPVC12FIM04DCL050PVC Datasheet HTML 35Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
198
Circular Automation Connectors
M12 X-Code Series
Circular Automation Connectors / Specifications
Contact Diagrams
PXMBNI12RPM08XPCM16
PXMBNI12FIM08XSCPG9
41
3
8 pins
X Code
Front View
2
5
67
8
P1
PXMBNI12RPF08XPCM16
PXMBNI12FBF08XSCPG9
72
8
8 pins
X Code
Front View
1
6
54
3
P2
PXPTPU12FIM08XFI010PU
P1
Pair
Wire Colour
1
2
3
4
5
6
7
8
Shell
White / Orange
White / Green
White / Blue
White / Brown
Braid
P2
1
2
3
4
5
6
7
8
Shell
41
3
8 pins
X Code
Front View
2
5
67
8
41
3
8 pins
X Code
Front View
2
5
67
8
P2
P1
PXPTPU12FBF08XFB010PU
72
8
8 pins
X Code
Front View
1
6
54
3
72
8
8 pins
X Code
Front View
1
6
54
3
P2
P1
PXPTPU12FIM08XFB010PU
41
3
8 pins
X Code
Front View
2
5
67
8
72
8
8 pins
X Code
Front View
1
6
54
3
P2
P1
PXMBNI12RAF08XRJM16
PXMBNI12RPM08XRJM16
P1
Pair
Wire Colour
1
2
3
4
5
6
7
8
White / Orange
White / Green
White / Blue
White / Brown
P2
1
2
3
4
5
6
7
8
72
8
8 pins
X Code
Front View
1
6
54
3
81
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com