Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMB5340B Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMB5340B
Description  SILICON ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMB5340B Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMB5340B Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMB5340B Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMB5340B Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMB5340B Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes : (1) Suffix " B " indicates ± 5% tolerance, suffix " A " indicates ± 10% tolerance.
(2) The surge current (IZSM) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration.
(3) Voltage regulation (VZ ) is the difference between the voltage measured at 10% and 50% of I
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
TYPE
Marking
Regulator Voltage
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Maximum
Zener Current
Maximum
Surge Current
Maximu
m
Voltage
VZ
@ I
ZT
ZT
ZZT
@ I
ZT
ZZK
@ I
ZK
ZK
R
@ V
R
I ZM
ZSM
Regulato
r
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(μA)
(V)
(mA)
(A)
∆V
Z
SMB5333B
333B
3.3
380
3.0
400
1.0
300
1.0
1440
20.0
0.85
SMB5334B
334B
3.6
350
2.5
500
1.0
150
1.0
1320
18.7
0.80
SMB5335B
335B
3.9
320
2.0
500
1.0
50
1.0
1220
17.6
0.54
SMB5336B
336B
4.3
290
2.0
500
1.0
10
1.0
1100
16.4
0.49
SMB5337B
337B
4.7
260
2.0
450
1.0
5.0
1.0
1010
15.3
0.44
SMB5338B
338B
5.1
240
1.5
400
1.0
1.0
1.0
930
14.4
0.39
SMB5339B
339B
5.6
220
1.0
400
1.0
1.0
2.0
856
13.4
0.25
SMB5340B
340B
6.0
200
1.0
300
1.0
1.0
3.0
790
12.7
0.19
SMB5341B
341B
6.2
200
1.0
200
1.0
1.0
3.0
765
12.4
0.10
SMB5342B
342B
6.8
175
1.0
200
1.0
10
5.2
700
11.5
0.15
SMB5343B
343B
7.5
175
1.5
200
1.0
10
5.7
630
10.7
0.15
SMB5344B
344B
8.2
150
1.5
200
1.0
10
6.2
580
10.0
0.20
SMB5345B
345B
8.7
150
2.0
200
1.0
10
6.6
545
9.5
0.20
SMB5346B
346B
9.1
150
2.0
150
1.0
7.5
6.9
520
9.2
0.22
SMB5347B
347B
10
125
2.0
125
1.0
5.0
7.6
475
8.6
0.22
SMB5348B
348B
11
125
2.5
125
1.0
5.0
8.4
430
8.0
0.25
SMB5349B
349B
12
100
2.5
125
1.0
2.0
9.1
395
7.5
0.25
SMB5350B
350B
13
100
2.5
100
1.0
1.0
9.9
365
7.0
0.25
SMB5351B
351B
14
100
2.5
75
1.0
1.0
10.6
340
6.7
0.25
SMB5352B
352B
15
75
2.5
75
1.0
1.0
11.5
315
6.3
0.25
SMB5353B
353B
16
75
2.5
75
1.0
1.0
12.2
295
6.0
0.30
SMB5354B
354B
17
70
2.5
75
1.0
0.5
12.9
280
5.8
0.35
SMB5355B
355B
18
65
2.5
75
1.0
0.5
13.7
265
5.5
0.40
SMB5356B
356B
19
65
3.0
75
1.0
0.5
14.4
250
5.3
0.40
SMB5357B
357B
20
65
3.0
75
1.0
0.5
15.2
237
5.1
0.40
SMB5358B
358B
22
50
3.5
75
1.0
0.5
16.7
216
4.7
0.45
SMB5359B
359B
24
50
3.5
100
1.0
0.5
18.2
198
4.4
0.55
SMB5360B
360B
25
50
4.0
110
1.0
0.5
19.0
190
4.3
0.55
SMB5361B
361B
27
50
5.0
120
1.0
0.5
20.6
176
4.1
0.60
SMB5362B
362B
28
50
6.0
130
1.0
0.5
21.2
170
3.9
0.60
SMB5363B
363B
30
40
8.0
140
1.0
0.5
22.8
158
3.7
0.60
SMB5364B
364B
33
40
10
150
1.0
0.5
25.1
144
3.5
0.60
SMB5365B
365B
36
30
11
160
1.0
0.5
27.4
132
3.3
0.65
SMB5366B
366B
39
30
14
170
1.0
0.5
29.7
122
3.1
0.65
SMB5367B
367B
43
30
20
190
1.0
0.5
32.7
110
2.8
0.70
SMB5368B
368B
47
25
25
210
1.0
0.5
35.8
100
2.7
0.80
SMB5369B
369B
51
25
27
230
1.0
0.5
38.8
93.0
2.5
0.90
SMB5370B
370B
56
20
35
280
1.0
0.5
42.6
86.0
2.3
1.00
SMB5371B
371B
60
20
40
350
1.0
0.5
45.5
79.0
2.2
1.20
SMB5372B
372B
62
20
42
400
1.0
0.5
47.1
76.0
2.1
1.35
SMB5373B
373B
68
20
44
500
1.0
0.5
51.7
70.0
2.0
1.50
SMB5374B
374B
75
20
45
620
1.0
0.5
56.0
63.0
1.9
1.60
SMB5375B
375B
82
15
65
720
1.0
0.5
62.2
58.0
1.8
1.80
SMB5376B
376B
87
15
75
760
1.0
0.5
66.0
54.5
1.7
2.00
SMB5377B
377B
91
15
75
760
1.0
0.5
69.2
52.5
1.6
2.20
SMB5378B
378B
100
12
90
800
1.0
0.5
76.0
47.5
1.5
2.30
SMB5379B
379B
110
12
125
1000
1.0
0.5
83.6
43.0
1.4
2.50
SMB5380B
380B
120
10
170
1150
1.0
0.5
91.2
39.5
1.3
2.50
SMB5381B
381B
130
10
190
1250
1.0
0.5
98.8
36.6
1.2
2.50
SMB5382B
382B
140
8.0
230
1500
1.0
0.5
106
34.0
1.2
2.50
SMB5383B
383B
150
8.0
330
1500
1.0
0.5
114
31.6
1.1
3.00
SMB5384B
384B
160
8.0
350
1650
1.0
0.5
122
29.4
1.1
3.00
SMB5385B
385B
170
8.0
380
1750
1.0
0.5
129
28.0
1.0
3.00
SMB5386B
386B
180
5.0
430
1750
1.0
0.5
137
26.4
1.0
4.00
SMB5387B
387B
190
5.0
450
1850
1.0
0.5
144
25.0
0.9
5.00
SMB5388B
388B
200
5.0
480
1850
1.0
0.5
152
23.6
0.9
5.00
I
www.shunyegroup.com.cn
V2.22
SMB5333 THRU SMB5388B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com