Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B43564A2109M003 Datasheet(PDF) 2 Page - EPCOS

Part # B43564A2109M003
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43564A2109M003 Datasheet(HTML) 2 Page - EPCOS

  B43564A2109M003 Datasheet HTML 1Page - EPCOS B43564A2109M003 Datasheet HTML 2Page - EPCOS B43564A2109M003 Datasheet HTML 3Page - EPCOS B43564A2109M003 Datasheet HTML 4Page - EPCOS B43564A2109M003 Datasheet HTML 5Page - EPCOS B43564A2109M003 Datasheet HTML 6Page - EPCOS B43564A2109M003 Datasheet HTML 7Page - EPCOS B43564A2109M003 Datasheet HTML 8Page - EPCOS B43564A2109M003 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Long-life grade capacitors
Applications
Frequency converters
Professional power supplies
Uninterruptible power supplies
Features
High ripple current capability
Long useful life
High reliability
Extremely good electrical characteristics and small dimensions
All-welded construction ensures reliable electrical contact
Version with optimized construction for base cooling (heat sink
mounting) available
Version with low-inductance design available
Self-extinguishing electrolyte
Construction
Charge-discharge proof, polar
Aluminum case with insulating sleeve
Poles with screw terminal connections
Mounting with ring clips, clamps or threaded stud
The bases of types with threaded stud and d
≤ 76.9 mm are not
insulated, types with d = 91 mm have fully insulated bases
B43564
B43584
Capacitors with screw terminals
B43564, B43584
High ripple current
85
°C
Page 2 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com