Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HGL.3T.309.CLAP Datasheet(PDF) 2 Page - LEMO Connectors

Part # HGL.3T.309.CLAP
Description  T - Small Outdoor keyed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

HGL.3T.309.CLAP Datasheet(HTML) 2 Page - LEMO Connectors

  HGL.3T.309.CLAP Datasheet HTML 1Page - LEMO Connectors HGL.3T.309.CLAP Datasheet HTML 2Page - LEMO Connectors HGL.3T.309.CLAP Datasheet HTML 3Page - LEMO Connectors HGL.3T.309.CLAP Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/t-outdoor-keyed/hgl-3t-309-clap.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Technical details
Electrical Configuration
Number of contacts Low Voltage
9
Contact Termination Low voltage
Solder
R (max)
3.3 mOhm
Insert configuration value
T.309 - 8 (1.3 mm) + 1 (2 mm) Low Voltage
Insulator
L: PEEK (UL 94 / V-0/1.5)
Rated current
1.3 mm : 8 A, 2 mm : 35 A
Vtest (contact-contact)
2 kV (DC)
Vtest (contact-shell)
1.5 kV (DC)
Bucket Dia.
8x1 mm, 1x1.8 mm
Contact Dia.
8x1.3 mm, 1x2 mm
Wire Size/AWG details
1.3 mm : 20 (AWG max), 2 mm : 16 (AWG max)
Gender
Reverse Gender
Form & Material
Shell style / Model id
HG - Fixed socket, nut fixing, watertight or vacuumtight
Socket / Receptacle
Fixed Panel Front Mounted
Housing material
Brass (chrome plated [SAE AMS 2460]) shell and collet
nut, nickel plated [SAE AMS QQ N 290] brass latch
sleeve and mid pieces
Locking system
Push-pull
Keying
L: 2 keys (gamma=70, plug: female contacts,
receptacle: male contacts)
Colour
Grey
Variant
Watertight unmated (connector to device)
Panel Drill Hole
M18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com