Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COMPONENTS. Datasheet(PDF) 1 Page - LEMO Connectors

Part # COMPONENTS.
Description  T - Small Outdoor keyed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

COMPONENTS. Datasheet(HTML) 1 Page - LEMO Connectors

  COMPONENTS. Datasheet HTML 1Page - LEMO Connectors COMPONENTS. Datasheet HTML 2Page - LEMO Connectors COMPONENTS. Datasheet HTML 3Page - LEMO Connectors COMPONENTS. Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/t-outdoor-keyed/hgl-3t-305-clapv.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
HGL.3T.305.CLAPV
Special
Image for illustrative purpose only
Summary
Request a quote
BKT series
Number of contacts Low Voltage
5
Wire Size/AWG
24 - 16
Gender
Reverse Gender
Socket / Receptacle
Socket / Receptacle - Fixed Panel Front Mounted
Locking system
Push-pull
Panel Drill Hole
M18
Jacket cable outside diameter [mm]
2.00 - 16.60 mm
Size
3T
Suggested matching part
FGL.3T.305.CLLC11
Series
T - Small Outdoor keyed


Similar Part No. - COMPONENTS.

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
COMP-1-2 PANASONIC-COMP-1-2 Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
COMP-1-2RP PANASONIC-COMP-1-2RP Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
COMP-1-2VL PANASONIC-COMP-1-2VL Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
COMP-1-2VLH PANASONIC-COMP-1-2VLH Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
COMP-1-3 PANASONIC-COMP-1-3 Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
More results

Similar Description - COMPONENTS.

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS99532A TI-TMS99532A Datasheet
109Kb / 2P
FREQUENCY-SHITF-KEYED MODEM
logo
Premier Magnetics, Inc.
PM-1001 PMI-PM-1001 Datasheet
64Kb / 4P
SMALL OUTLINE 10/100BASE-T ISOLATION TRANSFORMERS
logo
Molex Electronics Ltd.
0424109226 MOLEX5-0424109226 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/2, Keyed
0424108938 MOLEX5-0424108938 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/4, Keyed
0424108650 MOLEX5-0424108650 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/6, Keyed
logo
Winchester Electronics ...
SD125-52-X WINCHESTER-SD125-52-X Datasheet
572Kb / 2P
PLUG TNC KEYED
SD125-X-X WINCHESTER-SD125-X-X Datasheet
781Kb / 2P
PLUG TNC KEYED
SD126-71-7 WINCHESTER-SD126-71-7 Datasheet
68Kb / 1P
PLUG SC KEYED
logo
Zilog, Inc.
ZDI232ZPAK2ZPK ZILOG-ZDI232ZPAK2ZPK Datasheet
247Kb / 10P
Keyed 40-conductor ribbon cable
logo
Amphenol Corporation
ATM06-12SA AMPHENOL-ATM06-12SA Datasheet
591Kb / 2P
PLUG, KEYED, 12 SOCKET, ATM SERIES
18/JUN/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com