Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYDM064A08 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYDM064A08
Description  1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM064A08 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYDM064A08 Datasheet HTML 5Page - Cypress Semiconductor CYDM064A08 Datasheet HTML 6Page - Cypress Semiconductor CYDM064A08 Datasheet HTML 7Page - Cypress Semiconductor CYDM064A08 Datasheet HTML 8Page - Cypress Semiconductor CYDM064A08 Datasheet HTML 9Page - Cypress Semiconductor CYDM064A08 Datasheet HTML 10Page - Cypress Semiconductor CYDM064A08 Datasheet HTML 11Page - Cypress Semiconductor CYDM064A08 Datasheet HTML 12Page - Cypress Semiconductor CYDM064A08 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CYDM256A16, CYDM128A16,
CYDM064A16, CYDM128A08,
CYDM064A08
Document #: 38-06081 Rev. *F
Page 9 of 25
Maximum Ratings[28]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied.............................................–55°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +3.3V
DC Voltage Applied to
Outputs in High-Z State..........................–0.5V to VCC + 0.5V
DC Input Voltage[29] ...............................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................. 90 mA
Static Discharge Voltage.......................................... > 2000V
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
1.8V ± 100 mV
2.5V ± 100 mV
3.0V ± 300 mV
Industrial
–40°C to +85°C
1.8V ± 100 mV
2.5V ± 100 mV
3.0V ± 300 mV
Electrical Characteristics for 1.8V Over the Operating Range
Parameter
Description
CYDM256A16,
CYDM128A16,
CYDM064A16,
CYDM128A08,
CYDM064A08
CYDM256A16,
CYDM128A16,
CYDM064A16,
CYDM128A08,
CYDM064A08
Unit
-35
-55
Min.
Typ.
Max.
Min.
Typ.
Max.
VOH
Output HIGH Voltage (IOH = –100 µA)
VCC – 0.2
VCC – 0.2
V
VOL
Output LOW Voltage (IOL = 100 µA)
0.2
0.2
V
VOL ODR ODR Output LOW Voltage (IOL = 2 mA)
0.2
0.2
V
VIH
Input HIGH Voltage
1.2
VCC + 0.2
1.2
VCC + 0.2 V
VIL
Input LOW Voltage
–0.2
0.4
–0.2
0.4
V
IOZ
Output Leakage Current
–1
1
–1
1
µA
ICEXODR
ODR Output Leakage Current. VOUT =VCC
–1
1
–1
1
µA
IIX
Input Leakage Current
–1
1
–1
1
µA
ICC
Operating Current (VCC = Max., IOUT =0 mA)
Outputs Disabled
Ind.
25
40
15
25
mA
ISB1
Standby Current (Both Ports TTL Level) CEL
and CER ≥ VCC – 0.2, SEML = SEMR = SFEN
= VCC – 0.2, f = fMAX
Ind.
2
6
2
6
µA
ISB2
Standby Current (One Port TTL Level) CEL |
CER ≥ VIH, f = fMAX
Ind.
8.5
18
8.5
14
mA
ISB3
Standby Current (Both Ports CMOS Level) CEL
& CER ≥ VCC − 0.2V, SEML, SEMR, and
SFEN> VCC – 0.2V, f = 0
Ind.
2
6
2
6
µA
ISB4
Standby Current (One Port CMOS Level) CEL
| CER ≥ VIH, f = fMAX[30]
Ind.
8.5
18
8.5
14
mA
Notes:
28. The voltage on any input or I/O pin can not exceed the power pin during power-up.
29. Pulse width < 20 ns.
30. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level
standby ISB3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com