Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND5160J-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VND5160J-E
Description  Double channel high side driver for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5160J-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND5160J-E Datasheet HTML 17Page - STMicroelectronics VND5160J-E Datasheet HTML 18Page - STMicroelectronics VND5160J-E Datasheet HTML 19Page - STMicroelectronics VND5160J-E Datasheet HTML 20Page - STMicroelectronics VND5160J-E Datasheet HTML 21Page - STMicroelectronics VND5160J-E Datasheet HTML 22Page - STMicroelectronics VND5160J-E Datasheet HTML 23Page - STMicroelectronics VND5160J-E Datasheet HTML 24Page - STMicroelectronics VND5160J-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
VND5160J-E
Application information
21/31
If the calculated power dissipation leads to a large resistor or several devices have to share
the same resistor then ST suggests to utilize Solution 2 (see below).
3.1.2
Solution 2: a diode (DGND) in the ground line
A resistor (RGND=1kΩ) should be inserted in parallel to DGND if the device drives an
inductive load.
This small signal diode can be safely shared amongst several different HSDs. Also in this
case, the presence of the ground network will produce a shift (
≈ 600mV) in the input
threshold and in the status output values if the microprocessor ground is not common to the
device ground. This shift will not vary if more than one HSD shares the same diode/resistor
network.
3.2
Load dump protection
Dld is necessary (Voltage transient suppressor) if the load dump peak voltage exceeds the
VCC max DC rating. The same applies if the device is subject to transients on the VCC line
that are greater than the ones shown in the ISO 7637-2: 2004(E) table.
3.3
MCU I/Os protection
If a ground protection network is used and negative transient are present on the VCC line,
the control pins will be pulled negative. ST suggests to insert a resistor (Rprot) in line to
prevent the µC I/Os pins to latch-up.
The value of these resistors is a compromise between the leakage current of
µC and the
current required by the HSD I/Os (Input levels compatibility) with the latch-up limit of
µC
I/Os.
-VCCpeak/Ilatchup ≤Rprot ≤(VOHµC-VIH-VGND) / IIHmax
Calculation example:
For VCCpeak= - 100V and Ilatchup ≥ 20mA; VOHµC ≥ 4.5V
5k
Ω ≤Rprot ≤180kΩ.
Recommended Rprot values is 10kΩ.
3.4
Open load detection in Off state
Off state open load detection requires an external pull-up resistor (RPU) connected between
OUTPUT pin and a positive supply voltage (VPU) like the +5V line used to supply the
microprocessor.
The external resistor has to be selected according to the following requirements:
1.
no false open load indication when load is connected: in this case we have to avoid
VOUT to be higher than VOlmin; this results in the following condition
VOUT=(VPU/(RL+RPU))RL<VOlmin.
2.
no misdetection when load is disconnected: in this case the Vout has to be higher than
VOLmax; this results in the following condition RPU<(VPU–VOLmax)/IL(off2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com