| Electronic Components Datasheet Search |
|
VS6624P0LP Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6624P0LP Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 106 page ![]() Data synchronization methods VL6624/VS6624 26/106 8 Data synchronization methods External capture systems can synchronize with the data output from VL6624/VS6624 in one of two ways: 1. Synchronization codes are embedded in the output data 2. Via the use of two additional synchronization signals: VSYNC and HSYNC Both methods of synchronization can be programmed to meet the needs of the host system. Embedded codes The embedded code sequence can be inserted into the output data stream to enable the external host system to synchronize with the output frames. The code consists of a 4-byte sequence starting with 0xFF, 0x00, 0x00. The final byte in the sequence depends on the mode selected. Two types of embedded codes are supported by the VL6624/VS6624: Mode 1 (ITU656) and Mode 2. The bSyncCodeSetup register is used to select whether codes are inserted or not and to select the type of code to insert. When embedded codes are selected each line of data output contains 8 additional clocks: 4 before the active video data and 4 after it. Prevention of false synchronization codes The VL6624/VS6624 is able to prevent the output of 0xFF and/or 0x00 data from being misinterpreted by a host system as the start of synchronization data. This function is controlled the bCodeCheckEnable register. Mode 1 (ITU656 compatible) The structure of an image frame with ITU656 codes is shown in Figure 11. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |