| Electronic Components Datasheet Search |
|
VL6624QOMH Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6624QOMH Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 106 page ![]() Frame control VL6624/VS6624 20/106 Horizontal mirror and vertical flip The image data output from the VL6624/VS6624 can be mirrored horizontally or flipped vertically (or both). Video pipe setup The VS6624 has a single video pipe, the control of this pipe can be loaded from either of two possible setups Pipesetupbank0 and Pipesetupbank1; Pipe setup bank0 and Pipe setup bank1, control the operations shown below, ● image size ● zoom control ● pan control ● Crop control ● Image format (YUV 4:2:2, RGB565, etc....) ● Image controls (Contrast, Color saturation, Horizontal and vertical flip) Pipe 0 RGB to YUV matrix manual control and Pipe 1 RGB to YUV matrix manual control, allow different RGB to YUV matrixes to be used for each pipe setup, Pipe 0 gamma manual control and Pipe 1 Gamma manual control, allow different gamma settings to be used for each pipe setup. Context switching In normal operation, it is possible to control which pipe setup bank is used and to switch between banks without the need to stop streaming, the change will occur at the next frame boundary after the change to the register has been made. For example this function allows the VL6624/VS6624 to stream an output targeting a display (e.g. QQVGA RGB 444) then switch to capture an image (e.g. SXGA YUV 4:2:2) with no need to stop streaming or enter any other operating mode. It is important to note the output size selected for both pipe setups must be appropriate to the sensor mode used, i.e. to configure PipeSetupBank0 to QQVGA and PipeSetupBank1 to SXGA the sensor mode must be set to SXGA. The register Mode setup allows selection of the pipe setup bank, by default the Pipe setup bank 0 is used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |