Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB2524 Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitchTM Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB2524_07 Datasheet HTML 40Page - SMSC Corporation USB2524_07 Datasheet HTML 41Page - SMSC Corporation USB2524_07 Datasheet HTML 42Page - SMSC Corporation USB2524_07 Datasheet HTML 43Page - SMSC Corporation USB2524_07 Datasheet HTML 44Page - SMSC Corporation USB2524_07 Datasheet HTML 45Page - SMSC Corporation USB2524_07 Datasheet HTML 46Page - SMSC Corporation USB2524_07 Datasheet HTML 47Page - SMSC Corporation USB2524_07 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
Revision 1.91 (08-22-07)
44
SMSC USB2524
DATASHEET
Chapter 8 LED Interface Description
The USB2524 supports 3 different (mutually exclusive) LED modes. USB Mode provides 8 LEDS,
which conform to the USB 2.0 specification functional requirements for Green and Amber LED’s. Basic
Host Owner LED Indication mode uses 8 Single color LED’s to provide user indication of upstream
host ownership of the 4 downstream ports. Host Owner and Downstream Port Speed LED Indication
mode uses 8 Dual Color LED’s to provide both a User indication of Downstream port ownership, while
simultaneously displaying an indication of the speed of the downstream device which is attached to
each of the downstream ports.
8.1
USB Mode:
The LED_A[4:1]_N pins are used to provide Green LED, and LED_B[4:1]_N pins are used to provide
Amber LED support as defined in the USB 2.0 specification. The USB Specification defines the LED’s
as port and error status indicators for the downstream ports.
Please note that no indication of
upstream host ownership is possible in this mode. The pins are utilized as follows:
LED_A1_N = Port 1 Green
LED_B1_N = Port 1 Amber
LED_A2_N = Port 2 Green
LED_B2_N = Port 2 Amber
LED_A3_N = Port 3 Green
LED_B3_N = Port 3 Amber
LED_A4_N = Port 4 Green
LED_B4_N = Port 4 Amber
8.2
Basic Host Owner LED Indication:
All 8 LED pins are used in this mode in conjunction with single-color LEDs to indicate which upstream
Host owns each specific downstream Port. The usage and assignment is as follows:
LED_A1_N = Port 1 Owned By Host A
LED_B1_N = Port 1 Owned By Host B
LED_A2_N = Port 2 Owned By Host A
LED_B2_N = Port 2 Owned By Host B
LED_A3_N = Port 3 Owned By Host A
LED_B3_N = Port 3 Owned By Host B
LED_A4_N = Port 4 Owned By Host A
LED_B4_N = Port 4 Owned By Host B
If a Port is disabled, or is Unassigned, then neither the “A” or “B” LED associated with that port will
be asserted.
Since these LED’s are provided to give an end-user a clear indication of Host Ownership of
downstream ports, they will function when the hub is in suspend, and will indicate Host ownership even
if the applicable assigned Host is disconnected, powered off, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com