Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

67-40-0750-T405-R Datasheet(PDF) 1 Page - PARKER HANNIFIN CORP

Part # 67-40-0750-T405-R
Description  THERMATTACH® Double-Sided Thermal Tapes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARKER [PARKER HANNIFIN CORP]
Direct Link  https://www.parker.com/us/en/home.html
Logo PARKER - PARKER HANNIFIN CORP

67-40-0750-T405-R Datasheet(HTML) 1 Page - PARKER HANNIFIN CORP

  67-40-0750-T405-R Datasheet HTML 1Page - PARKER HANNIFIN CORP 67-40-0750-T405-R Datasheet HTML 2Page - PARKER HANNIFIN CORP 67-40-0750-T405-R Datasheet HTML 3Page - PARKER HANNIFIN CORP 67-40-0750-T405-R Datasheet HTML 4Page - PARKER HANNIFIN CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
22
ENGINEERING YOUR SUCCESS.
Description
THERMATTACH® double-sided
thermal interface tapes provide
exceptional bonding properties
between electronic components and
heat sinks, eliminating the need for
mechanical fasteners.
THERMATTACH® tapes are proven
to offer excellent reliability when
exposed to thermal, mechanical,
and environmental conditioning.
They are offered in a variety of
configurations, as detailed in the
typical properties table.
Features / Benefits
• Offered in various forms to
provide thermal, dielectric, and
flame retardant properties
• Offered in custom die-cut
configurations to suit a variety of
applications
• Eliminates the need for
mechanical attachment (i.e.
screws, clips, rivets, fasteners)
• Proven reliability under various
mechanical, thermal, and
environmental stresses
• Embossed version available
• UL recognized V-0 flammability
• Meets RoHS specifications
• No curing required, unlike epoxy
or acrylic preforms or liquid
systems
• Easily reworkable
Typical Applications
• Mount heat sinks to components
dissipating < ~25 W
• Attach heat sinks to PC (esp.
graphics) processors
• Heat sink attachment to motor
control processors
• Telecommunication
infrastructure components
Product Attributes
T418
• Superior adhesive strength
• Best conformability to
components
• UL94 V-0 rated
• Good thermal performance
T412
• Good adhesion
• Superior thermal performance
• General use tape with added
thermal conductivity of Al foil
layer
T411
• Designed for adhesion to plastic
packages
• Attaches to low surface energy
packages
• UL94 V-0 rated
T404/T414
• Excellent dielectric strength due
to polyimide carrier
• Good thermal performance
• UL94 V-0 rated
T405
• General use tape with added
thermal conductivity of Al foil
layer
• Excellent thermal performance
• UL94 V-0 rated
THERMATTACH® Double-Sided Thermal Tapes
Thermally Conductive Attachment Tapes


Similar Part No. - 67-40-0750-T405-R

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
67-00C AIO-67-00C Datasheet
1Mb / 10P
Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00C12-60PW-100 AIO-67-00C12-60PW-100 Datasheet
1Mb / 10P
Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00C12-60PW-106 AIO-67-00C12-60PW-106 Datasheet
1Mb / 10P
Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00C12-60PW-113 AIO-67-00C12-60PW-113 Datasheet
1Mb / 10P
Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00C12-60PX-100 AIO-67-00C12-60PX-100 Datasheet
1Mb / 10P
Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
More results

Similar Description - 67-40-0750-T405-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PPC228 ETC2-PPC228 Datasheet
535Kb / 1P
Double Sided Adhesive
DSC2512 ETC2-DSC2512 Datasheet
493Kb / 5P
Double-Sided Chip Resistors
logo
KODENSHI_AUK CORP.
SG255 KODENSHI-SG255 Datasheet
269Kb / 2P
Double-sided
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
9492MP 3M-9492MP Datasheet
189Kb / 4P
Double Coated Tapes
Nov-2011
R3257 3M-R3257 Datasheet
221Kb / 2P
Repulpable Double-Coated Tapes
Mar-2014
9738 3M-9738 Datasheet
346Kb / 3P
3M Double Coated Splicing Tapes
Mar-2008
05277 3M-05277 Datasheet
189Kb / 4P
Double Coated Tapes 9492MP ??9495MP ??9495MPF ??9495B
9474LE 3M-9474LE Datasheet
185Kb / 4P
Double Coated Tapes 9474LE, 9495LE
Nov-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com