Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDS310 Datasheet(PDF) 187 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 187 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 183Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 184Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 185Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 186Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 187Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 188Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 189Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 190Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 191Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 242 page
background image
Troubleshooting
TDS 310, TDS 320 & TDS 350 Instruction Manual
829
The Voltage, Timing, andExternal Trigger calibration menus are disabledat
the factory. To enable the calibration menus, perform the following steps.
NOTE
Early versions of the TDS 320 did not contain a cal jumper and did
not disable the calibration menus. Do not use this procedure on
those instruments.
1. Remove the Line Cordas describedon page 89.
2. Remove the Rear Cover andCabinet as describedon page 813.
3. Set the oscilloscope so its top side is down on the work surface and its
front is facing you.
4. Remove cal jumper J609 from the main board(see Figure 816). Save the
jumper. After calibration andto protect the calibration settings, reinstall
the jumper.
5. Reinstallation: Perform in reverse order steps 1 and 2, reversing the
removal instructions in each substep.
Cal Jumper J609
Main Board
Figure 816:Main Board Cal Jumper
Figures 817 through 826 are flowcharts of the troubleshooting procedure.
Use them to verify module failures indicated by the onboard diagnostics, or
use them to troubleshoot an instrument failure not connectedwith the diag
nostics. Begin with Figure 817.
Enabling Calibration
Menus
Troubleshooting
Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com