Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7400D Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7400D
Description  ADVANCED CAR SIGNAL PROCESSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7400D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7400D Datasheet HTML 2Page - STMicroelectronics TDA7400D Datasheet HTML 3Page - STMicroelectronics TDA7400D Datasheet HTML 4Page - STMicroelectronics TDA7400D Datasheet HTML 5Page - STMicroelectronics TDA7400D Datasheet HTML 6Page - STMicroelectronics TDA7400D Datasheet HTML 7Page - STMicroelectronics TDA7400D Datasheet HTML 8Page - STMicroelectronics TDA7400D Datasheet HTML 9Page - STMicroelectronics TDA7400D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SPEAKER ATTENUATORS
RIN
Input Impedance
35
50
65
K
Ω
GMAX
Max Gain
13
15
17
dB
AMAX
Max Attenuation
-70
-79
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
EE
Attenuation Set Error
±2dB
VDC
DC Steps
Adjacent Attenuation Steps
0.1
5
mV
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.2
2.6
VRMS
RL
Output Load Resistance
2
K
Ω
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
Ω
VDC
DC Voltage Level
4.3
4.5
4.7
V
GENERAL
eNO
Output Noise
BW = 20 Hz to 20 KHz
output muted
315
µV
BW = 20 Hz to 20 KHz
all gain = 0dB
6.5
15
µV
S/N
Signal to Noise Ratio
all gain = 0dB flat; VO = 2VRMS
102
110
dB
bass treble at 12dB;
a-weighted; VO = 2.6VRMS
96
100
dB
d
Distortion
VIN = 1VRMS; all stages 0dB
0.002
0.1
%
VIN = 1VRMS; Bass & Treble = 12dB
0.05
0.1
%
SC
Channel separation Left/Right
80
100
dB
ET
Total Tracking Error
AV = 0 to -20dB
-1
0
1
dB
AV = -20 to -60dB
-2
0
2
dB
BUS INPUTS
VIL
Input Low Voltage
d = 0.3%
0.8
V
VIH
Input High Voltage
2.5
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
V
TDA7400D
6/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com