Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5706PAPG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5706PAPG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706PAPG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5706PAPG4 Datasheet HTML 3Page - Texas Instruments TAS5706PAPG4 Datasheet HTML 4Page - Texas Instruments TAS5706PAPG4 Datasheet HTML 5Page - Texas Instruments TAS5706PAPG4 Datasheet HTML 6Page - Texas Instruments TAS5706PAPG4 Datasheet HTML 7Page - Texas Instruments TAS5706PAPG4 Datasheet HTML 8Page - Texas Instruments TAS5706PAPG4 Datasheet HTML 9Page - Texas Instruments TAS5706PAPG4 Datasheet HTML 10Page - Texas Instruments TAS5706PAPG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
www.ti.com
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
TYPE
5-V
TERMINATION
DESCRIPTION
(1)
TOLERANT
(2)
NAME
NO.
BST_A
59
P
High-side bootstrap supply for half-bridge A
BST_B
61
P
High-side bootstrap supply for half-bridge B
BST_C
53
P
High-side bootstrap supply for half-bridge C
BST_D
55
P
High-side bootstrap supply for half-bridge D
BYPASS
56
O
Nominally equal to VCC/8. Internal reference voltage for analog cells
DVDD
15,
P
3.3-V digital power supply
33
DVSS
20,
P
Digital ground
26
HPL_PWM
37
DO
Headphone left-channel PWM output.
HPR_PWM
38
DO
Headphone right-channel PWM output.
HPSEL
30
DI
5-V
Headphone select, active high. When a logic HIGH is applied, device
enters headphone mode and speakers are HARD MUTED. When a
logic LOW is applied, device is in speaker mode and headphone
outputs become line outputs or are disabled.
LRCLK
22
DI
5-V
Input serial audio data left/right clock (sampling rate clock)
MCLK
34
DI
5-V
MCLK is the clock master input. The input frequency of this clock can
range from 4.9 MHz to 49 MHz.
MUTE
21
DI
5-V
Pullup
Performs a soft mute of outputs, active-low. A logic low on this
terminal sets the outputs equal to 50% duty cycle. A logic high on this
terminal allows normal operation. The mute control provides a
noiseless volume ramp to silence. Releasing mute provides a
noiseless ramp to previous volume.
OSC_RES
19
AO
Oscillator trim resistor. Connect an 18.2-k
Ω resistor to GND.
OUT_A
4, 5
O
Output, half-bridge A
OUT_B
1, 64
O
Output, half-bridge B
OUT_C
49,
O
Output, half-bridge C
50
OUT_D
45,
O
Output, half-bridge D
46
PDN
17
DI
5-V
Pullup
Power down, active-low. PDN powers down all logic, stops all clocks,
and outputs stops switching. When PDN is released, the device
powers up all logic, starts all clocks, and performs a soft start that
returns to the previous configuration determined by register settings.
PGND_A
6, 7
P
Power ground for half-bridge A
PGND_B
2, 3
P
Power ground for half-bridge B
PGND_C
47,
P
Power ground for half-bridge C
48
PGND_D
43,
P
Power ground for half-bridge D
44
PLL_FLTM
12
AO
PLL negative input
PLL_FLTP
13
AI
PLL positive input
PVCC_A
8, 9
P
Power supply input for half-bridge output A
PVCC_B
62,
P
Power supply input for half-bridge output B
63
PVCC_C
51,
P
Power supply input for half-bridge output C
52
PVCC_D
41,
P
Power supply input for half-bridge output D
42
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com